Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAEK-3000-400 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAEK-3000-400
Description  AC/DC Switching Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAEK-3000-400 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAEK-3000-400 Datasheet HTML 1Page - Wall Industries,Inc. PSAEK-3000-400 Datasheet HTML 2Page - Wall Industries,Inc. PSAEK-3000-400 Datasheet HTML 3Page - Wall Industries,Inc. PSAEK-3000-400 Datasheet HTML 4Page - Wall Industries,Inc. PSAEK-3000-400 Datasheet HTML 5Page - Wall Industries,Inc. PSAEK-3000-400 Datasheet HTML 6Page - Wall Industries,Inc. PSAEK-3000-400 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Wall Industries, Inc.
Rev A
PSAEK3000HV SERIES
3000 Watts, AC/DC Switching Power Supplies
06/19/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 7
MECHANICAL DRAWING
Unit: inches [mm]
1.870 [47.50]
8.189 [208.00]
11.024 [280.00]
4-M4 NUT
2.500 [63.50]
CN5
4-M4 NUT Both Side
9.331 [237.00]
1.339 [34.00]
AC Input Terminal
Control Pin Number Assignment (CN5): JST S24B-PHDSS or Equivalent
Pin
Function
Pin
Function
Description
Pin
Function
Description
1
ACL
1
NC
No Connect
13
ACI
I Program
2
ACN
2
NC
No Connect
14
GND
Ground
3
3
NC
No Connect
15
VCI
V Program
4
NC
No Connect
16
GND
Ground
5
POK
Power OK
17
AUX
+5V/0.5A or +9V/0.3A Auxiliary Power
6
GND
Ground
18
GND
Ground
7
PAR
Parallel Operation Current Sharing
19
SCL
Serial Clock used in the I2C Interface
8
VSET
AUX Output Set
20
SDA
Serial Data used in the I2C Interface
9
EN-
Inhibit ON/OFF (-)
21
AUX
+5V/0.5A or +9V/0.3A Auxiliary Power
10
GND
Ground
22
GND
Ground
11
EN+
Inhibit ON/OFF (+)
23
NC
For RS232 Transmission Function
12
AUX
+5V/0.5A or +9V/0.3A Auxiliary Power
24
NC
For RS232 Receiver Function
Mating Housing / contact: JST PHDR-24VS or equivalent and JST SPHD-002T-P0.5 or equivalent


Similar Part No. - PSAEK-3000-400

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAEK-3000-48 WALL-PSAEK-3000-48 Datasheet
646Kb / 8P
   AC/DC Switching Power Supplies
More results

Similar Description - PSAEK-3000-400

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com