Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HD14082B Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. HD14082B
Description  Dual 4-input AND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD14082B Datasheet(HTML) 3 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-14
Conforms
Conforms
0.97 g
Unit: mm
7.62
0.25
0
° – 15°
19.20
20.32 Max
1
8
14
7
1.30
2.54
± 0.25
0.48
± 0.10
+ 0.10
– 0.05
2.39 Max


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
7421DUAL 4-INPUT POSITIVE AND GATE 1 List of Unclassifed Manufacturers
CD74HC21High Speed CMOS Logic Dual 4-Input AND Gate 1 2 3 4 5 MoreTexas Instruments
HEF4082BDual 4-input AND gate 1 2 3 NXP Semiconductors
IN74HC21ADual 4-Input AND Gate 1 2 3 4 5 Integral Corp.
HCS21MSRadiation Hardened Dual 4-Input AND Gate 1 2 3 4 5 MoreIntersil Corporation
SN54LS21DUAL 4-INPUT AND GATE 1 2 3 4 Motorola, Inc
TC74VHC21FDUAL 4-INPUT AND GATE 1 2 3 4 5 Toshiba Semiconductor
IN74ACT21DUAL 4-INPUT AND GATE 1 2 3 4 Integral Corp.
HCTS21MSRadiation Hardened Dual 4-Input AND Gate 1 2 3 4 5 MoreIntersil Corporation
TC74HC21APDUAL 4-INPUT AND GATE 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn