Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1011B075 Datasheet(PDF) 2 Page - Littelfuse

Part # SL1011B075
Description  SL1011B Series Gas Plasma Arrester
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1011B075 Datasheet(HTML) 2 Page - Littelfuse

  SL1011B075 Datasheet HTML 1Page - Littelfuse SL1011B075 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2008 Littelfuse, Inc.
30
Revised: December 15, 2008
Gas Plasma Arrester (GDT) Products
Surface Mount Surge Arresters > SL1011B Series
SL1011B Series
Specifications are subject to change without notice.
Refer to www.littelfuse.com/series/SL1002B.html for current information.
Time (ns)
0
200
400
600
800
1000
1200
Max dynamic breakover
voltage
Hold-over voltage
On-State voltage
Voltage vs.Time Characteristic
Weight
Materials:
Device Marking: Littelfuse ‘LF’ mark, voltage and date code.
Physical Specifications:
Profile for Wave Soldering
Solder
T 1 max = 266
oC
Flow Area
T 1= 239
oC
200
300
Tm= 179
oC
Forced Cooling
Preheating
Area
100
10
20
30
40
Time in Seconds
T1 max = Maximum Tab Temperature = 266°C
T1
= Flow Temperature = 239°C
Tm
= Melting Point of Solder = 179°C
Tamb
= Ambient Temperature = 25°C
Maximum permissable rate of temperature change = °C / sec
Profile for Reflow Soldering
Part Numbering System
Dimensions
62 +
_ 2
6.0 +
_ 0.2
6.0 +
_ 0.2
8.0 +
_ 0.2
SL1011BxxxA
SL1011BxxxC
Ø 0.8 +
_ 0.1
All dimensions in mm
1011 B
Voltage
Pin Configuration
SL
A = Leaded


Similar Part No. - SL1011B075

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1011B075 LITTELFUSE-SL1011B075 Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
SL1011B075 LITTELFUSE-SL1011B075 Datasheet
156Kb / 2P
   Surface Mount Surge Arresters SL1011B Series
SL1011B075 LITTELFUSE-SL1011B075 Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
More results

Similar Description - SL1011B075

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1024A090 LITTELFUSE-SL1024A090 Datasheet
329Kb / 4P
   Gas Plasma Arrester
SL1011B LITTELFUSE-SL1011B Datasheet
160Kb / 2P
   Gas Plasma Arrester
SL1002A LITTELFUSE-SL1002A Datasheet
206Kb / 2P
   Greentube??SL1002A Series Gas Plasma Arrester
SL1411A LITTELFUSE-SL1411A Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
SL1024A LITTELFUSE-SL1024A Datasheet
203Kb / 3P
   Gas Plasma Arresters
SL1003 LITTELFUSE-SL1003 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
18A LITTELFUSE-18A Datasheet
80Kb / 1P
   18A/18B Series Potted Gas Plasma Arresters
XT350 LITTELFUSE-XT350 Datasheet
76Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
LT230 LITTELFUSE-LT230 Datasheet
110Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
VS230 LITTELFUSE-VS230 Datasheet
81Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com