Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJRE6N8FA Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ELJRE6N8FA
Description  Fixed Inductors (Chip Inductors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRE6N8FA Datasheet(HTML) 8 Page - Panasonic Semiconductor

  ELJRE6N8FA Datasheet HTML 1Page - Panasonic Semiconductor ELJRE6N8FA Datasheet HTML 2Page - Panasonic Semiconductor ELJRE6N8FA Datasheet HTML 3Page - Panasonic Semiconductor ELJRE6N8FA Datasheet HTML 4Page - Panasonic Semiconductor ELJRE6N8FA Datasheet HTML 5Page - Panasonic Semiconductor ELJRE6N8FA Datasheet HTML 6Page - Panasonic Semiconductor ELJRE6N8FA Datasheet HTML 7Page - Panasonic Semiconductor ELJRE6N8FA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
Precautions for use
1.Operation range and environments
1 These products are designed and manufactured for general and standard use in general electronic
equipment (e.g. AV equipment, home electric appliances, office equipment, information and communication
equipment)
2 These products are not intended for use in the following special conditions. Before using the products, carefully check
the effects on their quality and performance, and determine whether or not they can be used.
• In liquid, such as water, oil, chemicals, or organic solvent
• In direct sunlight, outdoors, or in dust
• In salty air or air with a high concentration of corrosive gas, such as Cl2, H2S, NH3, SO2, or NO2
• In an environment where these products cause dew condensation
2. Handling
1 Do not bring magnets or magnetized materials close to the product. The influence of their magnetic field can
change the inductance value.
2 Do not apply strong mechanical shocks by either dropping or collision with other parts.
Excessive schock can damage the part.
3. Land pattern design
1 Please refer to the recommended land pattern for each type shown on the datasheet.
2 Avoid placing the chip inductor on any metal pattern except the recommended land pattern because a drop of Q
and mutual conductance may occur.
3 In case of flow soldering, venting of soldering flux gases should be made for high density assemblies to get a
good solder connection.
4 In case of reflow soldering, consider the layout because taller components close to chip inductor tend to block
thermal conduction.
4. Mounting
1 In general, magnetic and electric characteristics of ferrite cores can be changed by applying excessively strong
force. Placement force should not exceed 20 N.
2 Do not bend or twist the PWB after mounting the part.
5. Cleaning
1 Do not use acid or alkali agents. Some cleaning solvents may damage the part.
Confirm by testing the reliability in advance of mass production.
2 If Ultrasonic cleaning is used, please confirm the reliability in advance.
It is possible that combined resonance of component and PWB and cavitation can cause an abnormal vibration
mode to exist causing damage.
6. Caution about applying excessive current
The rated current is defined as the smaller value of either the current value when the inductance drops 10 %
down from the initial point or the current value when the average temperature of coil inside rises 20 °C up from
the initial point. Do not operate product over the specific max. current.
Safety Precautions
(Common precautions for Chip Inductors)
• When using our products, no matter what sort of equipment they might be used for, be sure to make a written
agreement on the specifications with us in advance. The design and specifications in this catalog are subject
to change without prior notice.
• Do not use the products beyond the specifications described in this catalog.
• This catalog explains the quality and performance of the products as individual components. Before use, check
and evaluate their operations when installed in your products.
• Install the following systems for a failsafe design to ensure safety if these products are to be used in equipment
where a defect in these products may cause the loss of human life or other significant damage, such as damage to
vehicles (automobile, train, vessel), traffic lights, medical equipment, aerospace equipment, electric heating
appliances, combustion/gas equipment, rotating equipment, and disaster/crime prevention equipment.
✽ Systems equipped with a protection circuit and a protection device
✽ Systems equipped with a redundant circuit or other system to prevent an unsafe status in the event of a single fault
<Package markings>
Package markings include the product number, quantity, and country of origin.
In principle, the country of origin should be indicated in English.
Sep. 2012
01
16


Similar Part No. - ELJRE6N8FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRE6N8FA PANASONIC-ELJRE6N8FA Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJRE6N8FA PANASONIC-ELJRE6N8FA Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRE6N8FA PANASONIC-ELJRE6N8FA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRE6N8FA PANASONIC-ELJRE6N8FA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRE6N8FA PANASONIC-ELJRE6N8FA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJRE6N8FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com