Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJRE5N6FA Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ELJRE5N6FA
Description  Fixed Inductors (Chip Inductors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRE5N6FA Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ELJRE5N6FA Datasheet HTML 1Page - Panasonic Semiconductor ELJRE5N6FA Datasheet HTML 2Page - Panasonic Semiconductor ELJRE5N6FA Datasheet HTML 3Page - Panasonic Semiconductor ELJRE5N6FA Datasheet HTML 4Page - Panasonic Semiconductor ELJRE5N6FA Datasheet HTML 5Page - Panasonic Semiconductor ELJRE5N6FA Datasheet HTML 6Page - Panasonic Semiconductor ELJRE5N6FA Datasheet HTML 7Page - Panasonic Semiconductor ELJRE5N6FA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
t2
Time
T3
T2
T1
t1
0
Soldering Conditions
Reflow soldering conditions
● Pb free solder recommended temperature profile
Flow soldering conditions
Preheat: 130 to 150 °C, 60 to 180 s, Soldering: 260 °C, 5 s max.
Notes
● Solderability may be reduced due to the conditions of high temperature and high humidity which causes the oxidation
of tin-plated terminals. Even if storage conditions are within specified limits, solderability may be reduced with the
passage of time. Therefore, please control the storage conditions and try to use the product within 6 months of receipt.
● In case the product has been stored for a period longer than 6 months, use the product only after confirmation of its
solderability.
Type
Preheat
Soldering
Peak Temperature
Time of
Reflow
T1 [°C]
t1 [s]
T2 [°C]
t2 [s]
T3
T3 Limit
□F
150 to 180
60 to 120
230 °C
40 max.
250 °C, 10 s
260 °C, 10 s
2 times max.
□E
150 to 180
60 to 120
230 °C
40 max.
250 °C, 10 s
260 °C, 10 s
2 times max.
Nov. 2013
04
15


Similar Part No. - ELJRE5N6FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRE5N6FA PANASONIC-ELJRE5N6FA Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJRE5N6FA PANASONIC-ELJRE5N6FA Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRE5N6FA PANASONIC-ELJRE5N6FA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRE5N6FA PANASONIC-ELJRE5N6FA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRE5N6FA PANASONIC-ELJRE5N6FA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJRE5N6FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com