Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD14077B Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD14077B
Description  Quadruple Exclusive-OR Gate, Quadruple Exclusive-NOR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD14077B Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD14077B Datasheet HTML 1Page - Hitachi Semiconductor HD14077B Datasheet HTML 2Page - Hitachi Semiconductor HD14077B Datasheet HTML 3Page - Hitachi Semiconductor HD14077B Datasheet HTML 4Page - Hitachi Semiconductor HD14077B Datasheet HTML 5Page - Hitachi Semiconductor HD14077B Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DA
Conforms
0.23 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.70
± 0.20
0.12
0.15
0
° – 8°
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
0.40
± 0.06


Similar Part No. - HD14077B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14071B HITACHI-HD14071B Datasheet
60Kb / 6P
   Quadruple 2-input OR Gate
HD14072B HITACHI-HD14072B Datasheet
50Kb / 4P
   Dual 4-input OR Gate
HD14073 HITACHI-HD14073 Datasheet
49Kb / 4P
   Triple 3-input AND Gate
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
   Triple 3-input AND Gate
HD14075 HITACHI-HD14075 Datasheet
51Kb / 4P
   Triple 3-input OR Gate
More results

Similar Description - HD14077B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4077B PHILIPS-HEF4077B Datasheet
27Kb / 3P
   Quadruple exclusive-NOR gate
January 1995
HEF4030B PHILIPS-HEF4030B Datasheet
28Kb / 3P
   Quadruple exclusive-OR gate
January 1995
HEF4070B PHILIPS-HEF4070B Datasheet
28Kb / 3P
   Quadruple exclusive-OR gate
January 1995
logo
Texas Instruments
74ACT11810 TI1-74ACT11810 Datasheet
92Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATE
SN74HC86-Q1 TI1-SN74HC86-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
CD74ACT86-EP TI1-CD74ACT86-EP Datasheet
496Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74ACT11086 TI1-74ACT11086 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86A-Q1 TI1-SN74LVC86A-Q1 Datasheet
220Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74AC11086 TI-74AC11086 Datasheet
78Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
REVISED APRIL 1996
CD74AC86 TI1-CD74AC86_14 Datasheet
819Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com