Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OST20WG09GD-XXXXT531B Datasheet(PDF) 1 Page - OptoSupply International

Part # OST20WG09GD-XXXXT531B
Description  T20-09LAMPS AUTO LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OST20WG09GD-XXXXT531B Datasheet(HTML) 1 Page - OptoSupply International

  OST20WG09GD-XXXXT531B Datasheet HTML 1Page - OptoSupply International OST20WG09GD-XXXXT531B Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
T20-09LAMPS AUTO LED
Descriptions:
1
• Green light source, fast response
• Long life, easy installation
• Voltages available 12VDC
• LED model number: XXXXT531B
Features:
1
• Available in red, yellow, green, blue, white and more
• High temperature and environmental protection PC material for lamp holder
• Low power consumption
• Energy saving
• no stroboflash, no radiation
• Long life
Application:
1
• Turn Light
• Reversing Light
• Brake Light
Product Picture and Dimensions:
Model No.
OST20WG09GD-
XXXXT531B
REV.
C1
Unit:mm


Similar Part No. - OST20WG09GD-XXXXT531B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OST20WG09GD-R5RUT831A OPTOSUPPLY-OST20WG09GD-R5RUT831A Datasheet
1Mb / 2P
   T18-09LAMPS AUTO LED Green light source, fast response
More results

Similar Description - OST20WG09GD-XXXXT531B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OST18FD09GD-R5RUT831A OPTOSUPPLY-OST18FD09GD-R5RUT831A Datasheet
1Mb / 2P
   T18-09LAMPS AUTO LED
OST18FS09GD-R5RUT831A OPTOSUPPLY-OST18FS09GD-R5RUT831A Datasheet
1Mb / 2P
   T18-09LAMPS AUTO LED
OST18FD09GD-XXXXT531B OPTOSUPPLY-OST18FD09GD-XXXXT531B Datasheet
1Mb / 2P
   T18-09LAMPS AUTO LED
OST18FS09GD-XXXXT531B OPTOSUPPLY-OST18FS09GD-XXXXT531B Datasheet
1Mb / 2P
   T18-09LAMPS AUTO LED
OST20WG09GD-R5RUT831A OPTOSUPPLY-OST20WG09GD-R5RUT831A Datasheet
1Mb / 2P
   T18-09LAMPS AUTO LED Green light source, fast response
logo
PHOENIX CONTACT
1602410 PHOENIX-1602410 Datasheet
45Kb / 2P
   Screw - T20-M4X12
logo
OptoSupply Internationa...
OST10WG01GD-W473S4C1A OPTOSUPPLY-OST10WG01GD-W473S4C1A Datasheet
943Kb / 1P
   T10 AUTO LED
logo
American Accurate Compo...
RIRC-C1-50A AAC-RIRC-C1-50A Datasheet
87Kb / 1P
   Auto Focus/Auto Iris Infrared LED Camera
logo
Magnetrol International...
T20-1B2A-BKP MAGNETROL-T20-1B2A-BKP Datasheet
224Kb / 8P
   Top Mounting T20 and T21 Liquid Level Sw
logo
OptoSupply Internationa...
OST05WG01GD-R5RUT531B OPTOSUPPLY-OST05WG01GD-R5RUT531B Datasheet
1Mb / 2P
   T5 Round AUTO LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com