Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OST18FS09GD-XXXXT531B Datasheet(PDF) 2 Page - OptoSupply International

Part No. OST18FS09GD-XXXXT531B
Description  T18-09LAMPS AUTO LED
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTOSUPPLY [OptoSupply International]
Homepage  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OST18FS09GD-XXXXT531B Datasheet(HTML) 2 Page - OptoSupply International

  OST18FS09GD-XXXXT531B Datasheet HTML 1Page - OptoSupply International OST18FS09GD-XXXXT531B Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Device Selection Guide
1
Module No.
Color
Wavelength
(Typ.)
Intensity / Per
LED
(Typ.)
Totality
Luminous
Intensity (Typ.)
R5RUT831A
Red
625 nm
3200mcd
8.4lm
G5DUT831A
Green
525 nm
34500mcd
20.5lm
B5YUT831A
Blue
470 nm
7500mcd
5.0lm
Y5RUT831A
Yellow
590 nm
3200mcd
8.0lm
W5YKT831A
White
X=0.27,Y=0.28
15000mcd
15.2lm
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating supply range(DC)
Vidc
16
V
Input Current (DC)
Ii
100
mA
Power Dissipation
Pa
1.6
W
Operating Temperature
Tope
-20 ~ +50
DegC
Storage Temperature
Tstg
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
0.6
1.6
w
Input Voltage(DC)
Vi
-
12
16
V
Product input Current
If
-
50
100
mA
Beam Pattern
BP
-
30
-
Deg
Total diameter of PCB
Lmod.
-
32.5
-
mm
Net Weight
Wei.
---
6.5
-
g
Model No.
OST18FS09GD-
XXXXT531B
REV.
C1


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn