Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LBT233301 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part No. LBT233301
Description  For RF SAW filter
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIPAT [SIPAT Co,Ltd]
Homepage  http://www.sipatsaw.com
Logo 

LBT233301 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBT233301
Rev. Date
2013-12-05
Ver.
1.0
Page
3/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
2332.5MHz SAW Filter
25MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBT233301
T233301
T233301
T233301
Typical Performance
Frequency Response
Passband Response
2100
2200
2300
2400
2500
2600
-91.5123
-81.5123
-71.5123
-61.5123
-51.5123
-41.5123
-31.5123
-21.5123
-11.5123
-1.5123
8.4877
Type Performance
Frequency(MHz)
2260
2280
2300
2320
2340
2360
2380
2400
-4.0123
-3.5123
-3.0123
-2.5123
-2.0123
-1.5123
-1.0123
-0.5123
-0.0123
0.4877
0.9877
X: 2320
Y: -1.585
Type Performance
Frequency(MHz)
X: 2345
Y: -1.599
Horizontal: 100MHz/Div
Vertical: 10dB/Div
Horizontal: 20MHz/Div
Vertical: 0.5dB/Div
VSWR S11
VSWR S22
2100
2200
2300
2400
2500
2600
0
1
2
3
4
5
6
7
8
9
10
X: 2320
Y: 1.088
Type Performance (VSWR1)
Frequency(MHz)
X: 2345
Y: 1.462
2100
2200
2300
2400
2500
2600
0
1
2
3
4
5
6
7
8
9
10
X: 2320
Y: 1.079
Type Performance (VSWR2)
Frequency(MHz)
X: 2345
Y: 1.469
Horizontal: 100MHz/Div
Vertical: 1ns/Div
Horizontal: 100MHz/Div
Vertical: 1deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn