Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD14014B Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD14014B
Description  8-bit Static Shift Register
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD14014B Datasheet(HTML) 4 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-16
Conforms
Conforms
1.07 g
Unit: mm
19.20
16
9
8
1
1.3
20.00 Max
7.62
0.25
+ 0.13
– 0.05
2.54
± 0.25
0.48
± 0.10
0
° – 15°
1.11 Max


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HEF4021B8-bit static shift register 1 2 3 4 5 MoreNXP Semiconductors
MC14014B8-Bit Static Shift Register 1 2 3 4 5 MoreON Semiconductor
BU4021B8-bit static shift register 1 2 3 4 5 Rohm
HD14021B8-bit Static Shift Register 1 2 3 4 5 Hitachi Semiconductor
MC14014B8-Bit Static Shift Register 1 2 3 4 5 MoreMotorola, Inc
HEF4014B8-bit static shift register 1 2 3 4 5 MoreNXP Semiconductors
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors
74HC1658-bit parallel-in/serial-out shift register 1 2 3 4 5 MoreNXP Semiconductors
SN74ALS164A8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
TPIC6596POWER LOGIC 8-BIT SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn