Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

98821-1068 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 98821-1068
Description  NSCC, Receptacle Connector Hybrid, Unsealed, Single Part, 6 Circuits Gray
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

98821-1068 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  98821-1068 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
98821-1068
Status:
Active
Overview:
NSCC - New Standard Casing Contact
Description:
NSCC, Receptacle Connector Hybrid, Unsealed, Single Part, 6 Circuits Gray
Documents:
3D Model
Application Specification AS-98821-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-98821-001 (PDF)
General
Product Family
Crimp Housings
Series
98821
Application
Power, Wire-to-Wire
Application Tooling Part Link
63813-3800
Overview
NSCC - New Standard Casing Contact
Product Name
NSCC
UPC
822348761418
Physical
Breakaway
No
Circuits (maximum)
6
Circuits Detail
4 x 1.5 + 2 x 2.8
Color - Resin
Gray
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
3.490/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.33mm, 4.20mm, 5.00mm
Pitch - Termination Interface
3.33mm, 4.20mm, 5.00mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Material Info
Old Part Number
010408328
Reference - Drawing Numbers
Application Specification
AS-98821-001
Product Specification
PS-98821-001
Sales Drawing
SD-98820-002, SD-98821-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
98821Series
Mates With
98825 NSCC, or counterpart per interface
drawing, Contact Molex
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extractor Tool for
Unsealed Receptacle
Connectors
0638133800
This document was generated on 10/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 98821-1068

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98821-1060 MOLEX11-98821-1060 Datasheet
43Kb / 1P
   NSCC, Receptacle Connector Hybrid, Single Part, Unsealed 6 Circuits White
98821-1061 MOLEX11-98821-1061 Datasheet
42Kb / 1P
   NSCC, Receptacle Connector Hybrid, Single Part, Unsealed 6 Circuits Black
98821-1065 MOLEX11-98821-1065 Datasheet
42Kb / 1P
   NSCC, Receptacle Connector Hybrid, Single Part, Unsealed 6 Circuits Green
More results

Similar Description - 98821-1068

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0988211068 MOLEX1-0988211068 Datasheet
37Kb / 2P
   NSCC, Receptacle Connector Hybrid, Unsealed, Single Part, 6 Circuits Gray
98821-1065 MOLEX11-98821-1065 Datasheet
42Kb / 1P
   NSCC, Receptacle Connector Hybrid, Single Part, Unsealed 6 Circuits Green
98821-1060 MOLEX11-98821-1060 Datasheet
43Kb / 1P
   NSCC, Receptacle Connector Hybrid, Single Part, Unsealed 6 Circuits White
0988211065 MOLEX1-0988211065 Datasheet
36Kb / 2P
   NSCC, Receptacle Connector Hybrid, Single Part, Unsealed 6 Circuits Green
0988211060 MOLEX1-0988211060 Datasheet
37Kb / 2P
   NSCC, Receptacle Connector Hybrid, Single Part, Unsealed 6 Circuits White
98821-1061 MOLEX11-98821-1061 Datasheet
42Kb / 1P
   NSCC, Receptacle Connector Hybrid, Single Part, Unsealed 6 Circuits Black
0988211061 MOLEX1-0988211061 Datasheet
36Kb / 2P
   NSCC, Receptacle Connector Hybrid, Single Part, Unsealed 6 Circuits Black
98821-1030 MOLEX11-98821-1030 Datasheet
43Kb / 1P
   NSCC, Receptacle Connector Hybrid, Single Part, Unsealed 3 Circuits, White
0988211030 MOLEX1-0988211030 Datasheet
36Kb / 2P
   NSCC, Receptacle Connector Hybrid, Single Part, Unsealed 3 Circuits, White
98825-1068 MOLEX11-98825-1068 Datasheet
46Kb / 1P
   NSCC, Pin Connector Hybrid, Unsealed, 6 Circuits, Gray
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com