Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
HD14012B Datasheet(PDF) 1 Page - Hitachi Semiconductor
Part No.
HD14012B
Description
Dual
4-input
NAND
Gate
Download
6 Pages
Scroll/Zoom
100%
Maker
HITACHI [Hitachi Semiconductor]
Homepage
http://www.renesas.com/eng
Logo
HD14012B Datasheet(HTML) 1 Page - Hitachi Semiconductor
zoom in
zoom out
1
/ 6 page
Html Pages
1
2
3
4
5
6
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
74LVT20
3.3V
Dual
4-input
NAND
gate
1
2
3
4
5
More
NXP Semiconductors
74AC20
Dual
4-Input
NAND
Gate
1
2
3
4
5
More
Fairchild Semiconductor
74LVQ20
DUAL
4-INPUT
NAND
GATE
1
2
3
4
5
More
STMicroelectronics
IN74AC20
DUAL
4-INPUT
NAND
GATE
High-Speed
Silicon-Gate
CMOS
1
2
3
4
Integral Corp.
54AC20
Dual
4-Input
NAND
Gate
1
2
3
4
5
More
National Semiconductor (TI)
74ABT20
Dual
4-input
NAND
gate
1
2
3
NXP Semiconductors
ACTS20MS
Radiation
Hardened
Dual
4-Input
NAND
Gate
1
Intersil Corporation
MC74AC20
Dual
4-Input
NAND
Gate
1
2
3
4
5
Motorola, Inc
HEF4012B
Dual
4-input
NAND
gate
1
2
3
NXP Semiconductors
CD74HC20
High
Speed
CMOS
Logic
Dual
4-Input
NAND
Gate
1
2
3
4
5
More
Texas Instruments
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn