Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD14011B Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HD14011B
Description  Quadruple 2-input NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD14011B Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD14011B Datasheet HTML 1Page - Hitachi Semiconductor HD14011B Datasheet HTML 2Page - Hitachi Semiconductor HD14011B Datasheet HTML 3Page - Hitachi Semiconductor HD14011B Datasheet HTML 4Page - Hitachi Semiconductor HD14011B Datasheet HTML 5Page - Hitachi Semiconductor HD14011B Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DN
Conforms
Conforms
0.13 g
Unit: mm
0
° – 8°
1.27
14
8
1
7
0.15
0.25 M
8.65
9.05 Max
*0.40
± 0.06
0.635 Max
6.10
+ 0.10
– 0.30
0.60
+ 0.67
– 0.20
1.08
*Pd plating


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HEF4011B Quadruple 2-input NAND gate 1  2  3  NXP Semiconductors
HEF4011UB Quadruple 2-input NAND gate 1  2  3  4  5  More NXP Semiconductors
MC74LCX00 LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE 1  2  3  4  5  More ON Semiconductor
74ABT00 Quad 2-input NAND gate 1  2  3  4  5  More NXP Semiconductors
74ALS00A Quad 2-Input NAND gate 1  2  3  4  5  More NXP Semiconductors
HEF4071B Quadruple 2-input OR gate 1  2  3  NXP Semiconductors
74VHC00 QUAD 2-INPUT NAND GATE 1  2  3  4  5  More STMicroelectronics
M54HC00 QUAD 2-INPUT NAND GATE 1  2  3  4  5  More STMicroelectronics
74ALVC132 Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1  2  3  4  5  Fairchild Semiconductor
74VHCT00A Quad 2-Input NAND Gate 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn