Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSUP-350-24C Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSUP-350-24C
Description  AC/DC Switching Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSUP-350-24C Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSUP-350-24C Datasheet HTML 1Page - Wall Industries,Inc. PSUP-350-24C Datasheet HTML 2Page - Wall Industries,Inc. PSUP-350-24C Datasheet HTML 3Page - Wall Industries,Inc. PSUP-350-24C Datasheet HTML 4Page - Wall Industries,Inc. PSUP-350-24C Datasheet HTML 5Page - Wall Industries,Inc. PSUP-350-24C Datasheet HTML 6Page - Wall Industries,Inc. PSUP-350-24C Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev. B
PSUP350 Series
Single Output
Up to 351 Watts
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/04/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 7
BLOCK DIAGRAM
DERATING CURVE
STATIC CHARACTERISTICS
85
Ta=25°C
100
110
120
264Vac
40
50
60
70
80
Input Voltage(Vac)60Hz Ta=25 C
°
90
100
-20
Ambient Temperature (°C) AC=230 / 115VAC
0
10203040506070
20
40
60
80
100
(HORIZONTAL)
With 10.5CFM Free Air Convection
Free Air Convection
65
85
VS+
VO+
VO-
I/P
VS-
POK
INH+
INH-
EMI
FILTER
ACTIVE
UNRUSH
CURRENT
LIMITING
RECTIFIERS
&
PFC
POWER
SWITCHING
RECTIFIERS
&
FILTER
O.L.P.
O.L.P.
O.C.P.
AC
DETECTION
CIRCUIT
PFC
CONTROL
PWM
CONTROL
DETECTION
CIRCUIT
MICRO
CIRCUIT
REMOTE
CONTROL
O.V.P.
O.T.P.


Similar Part No. - PSUP-350-24C

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSUP-200-12C WALL-PSUP-200-12C Datasheet
320Kb / 7P
   AC/DC Switching Power Supplies
PSUP-200-12T WALL-PSUP-200-12T Datasheet
320Kb / 7P
   AC/DC Switching Power Supplies
PSUP-200-15C WALL-PSUP-200-15C Datasheet
320Kb / 7P
   AC/DC Switching Power Supplies
PSUP-200-15T WALL-PSUP-200-15T Datasheet
320Kb / 7P
   AC/DC Switching Power Supplies
PSUP-200-24C WALL-PSUP-200-24C Datasheet
320Kb / 7P
   AC/DC Switching Power Supplies
More results

Similar Description - PSUP-350-24C

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com