Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288032A5 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HB288032A5
Description  FLASH ATA Card
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288032A5 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HB288032A5 Datasheet HTML 3Page - Hitachi Semiconductor HB288032A5 Datasheet HTML 4Page - Hitachi Semiconductor HB288032A5 Datasheet HTML 5Page - Hitachi Semiconductor HB288032A5 Datasheet HTML 6Page - Hitachi Semiconductor HB288032A5 Datasheet HTML 7Page - Hitachi Semiconductor HB288032A5 Datasheet HTML 8Page - Hitachi Semiconductor HB288032A5 Datasheet HTML 9Page - Hitachi Semiconductor HB288032A5 Datasheet HTML 10Page - Hitachi Semiconductor HB288032A5 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
HB288800/640/448/320/256/192/160/128/096/064/032A5
7
Signal name
Direction Pin No.
Description
-IOWR
(PC Card Memory mode)
I
45
This signal is not used.
-IOWR
(PC Card I/O mode)
-IOWR is used for control of data write in I/O task file
area. This card does not respond to -IOWR until I/O
card interface setting up.
-IOWR
(True IDE mode)
-IOWR is used for control of data write in I/O task file
area. This card does not respond to -IOWR until True
IDE interface setting up.
-OE
(PC Card Memory mode)
I
9
-OE is used for the control of reading register’s data in
attribute area or task file area.
-OE
(PC Card I/O mode)
-OE is used for the control of reading register’s data in
attribute area.
-ATASEL
(True IDE mode)
To enable True IDE mode this input should be
grounded by the host.
RDY/-BSY
(PC Card Memory mode)
O
16
The signal is RDY/-BSY pin. RDY/-BSY pin turns low
level during the card internal initialization operation at
VCC applied or reset applied, so next access to the
card should be after the signal turned high level.
-IREQ
(PC Card I/O mode)
This signal is active low -IREQ pin. The signal of low
level indicates that the card is requesting software
service to host, and high level indicates that the card
is not requesting.
INTRQ
(True IDE mode)
This signal is the active high Interrupt Request to the
host.
-REG
(PC Card Memory mode)
Attribute memory select
I
61
-REG is used during memory cycles to distinguish
between task file and attribute memory accesses.
High for task file, Low for attribute memory is
accessed.
-REG
(PC Card I/O mode)
-REG is constantly low when task file or attribute
memory is accessed.
-REG
(True IDE mode)
This input signal is not used and should be connected
to VCC.


Similar Part No. - HB288032A5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288032A6 HITACHI-HB288032A6 Datasheet
169Kb / 66P
   FLASH ATA Card
More results

Similar Description - HB288032A5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB2881000A6 HITACHI-HB2881000A6 Datasheet
169Kb / 66P
   FLASH ATA Card
HB2881000A5 HITACHI-HB2881000A5 Datasheet
168Kb / 66P
   FLASH ATA Card 1 GByte
logo
List of Unclassifed Man...
AP-FD18A20B0001GR ETC2-AP-FD18A20B0001GR Datasheet
275Kb / 18P
   ATA Flash Drive ?
AP-FD18A20C0004GS-DTM ETC2-AP-FD18A20C0004GS-DTM Datasheet
189Kb / 18P
   ATA Flash Drive
AP-FD18B20B0016GS-TM ETC2-AP-FD18B20B0016GS-TM Datasheet
259Kb / 17P
   ATA Flash Drive 185M
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com