Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288032A5 Datasheet(PDF) 56 Page - Hitachi Semiconductor

Part # HB288032A5
Description  FLASH ATA Card
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288032A5 Datasheet(HTML) 56 Page - Hitachi Semiconductor

Back Button HB288032A5 Datasheet HTML 52Page - Hitachi Semiconductor HB288032A5 Datasheet HTML 53Page - Hitachi Semiconductor HB288032A5 Datasheet HTML 54Page - Hitachi Semiconductor HB288032A5 Datasheet HTML 55Page - Hitachi Semiconductor HB288032A5 Datasheet HTML 56Page - Hitachi Semiconductor HB288032A5 Datasheet HTML 57Page - Hitachi Semiconductor HB288032A5 Datasheet HTML 58Page - Hitachi Semiconductor HB288032A5 Datasheet HTML 59Page - Hitachi Semiconductor HB288032A5 Datasheet HTML 60Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
HB288800/640/448/320/256/192/160/128/096/064/032A5
56
Attribute Memory Write AC Characteristics
250 ns
Parameter
Symbol
Min
Typ
Max
Unit
Write cycle time
tCW
250
ns
Write pulse time
tw(WE)
150
ns
Address setup time
tsu(A)
30
ns
Address setup time (-WE)
tsu(A-WEH)
180
ns
-CE setup time (-WE)
tsu(CE-WEH)
180
ns
Data setup time (-WE)
tsu(D-WEH)
80
ns
Data hold time
th(D)
30
ns
Write recover time
trec(WE)
30
ns
Output disable time (-WE)
tdis(WE)
100
ns
Output disable time (-OE)
tdis(OE)
100
ns
Output enable time (-WE)
ten(WE)
5
ns
Output enable time (-OE)
ten(OE)
5
ns
Output enable setup time (-WE)
tsu(OE-WE)
10
ns
Output enable hold time (-WE)
th(OE-WE)
10
ns
-CE setup time
tsu(CE)
0
ns
-CE hold time
th(CE)
20
ns
Attribute Memory Write Timing
A0 to A10
-REG
-CE2/-CE1
-OE
D0 to D15(Din)
D0 to D15(Dout)
tsu(CE)
tsu(D-WEH)
Input Data
tdis(WE)
tdis(OE)
ten(WE)
ten(OE)
th(D)
th(OE-WE)
trec(WE)
th(CE)
tsu(OE-WE)
tsu(A)
-IOWR, -IORD : High Fix
-WE
tCW
tsu(CE-WEH)
tsu(A-WEH)
tw(WE)


Similar Part No. - HB288032A5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288032A6 HITACHI-HB288032A6 Datasheet
169Kb / 66P
   FLASH ATA Card
More results

Similar Description - HB288032A5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB2881000A6 HITACHI-HB2881000A6 Datasheet
169Kb / 66P
   FLASH ATA Card
HB2881000A5 HITACHI-HB2881000A5 Datasheet
168Kb / 66P
   FLASH ATA Card 1 GByte
logo
List of Unclassifed Man...
AP-FD18A20B0001GR ETC2-AP-FD18A20B0001GR Datasheet
275Kb / 18P
   ATA Flash Drive ?
AP-FD18A20C0004GS-DTM ETC2-AP-FD18A20C0004GS-DTM Datasheet
189Kb / 18P
   ATA Flash Drive
AP-FD18B20B0016GS-TM ETC2-AP-FD18B20B0016GS-TM Datasheet
259Kb / 17P
   ATA Flash Drive 185M
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com