Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSPW250 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # PSPW250
Description  AC/DC Switching Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPW250 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  PSPW250 Datasheet HTML 1Page - Wall Industries,Inc. PSPW250 Datasheet HTML 2Page - Wall Industries,Inc. PSPW250 Datasheet HTML 3Page - Wall Industries,Inc. PSPW250 Datasheet HTML 4Page - Wall Industries,Inc. PSPW250 Datasheet HTML 5Page - Wall Industries,Inc. PSPW250 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev. D
PSPW250 Series
250 Watts, Single Outputs
Open Frame & U-Chassis Types
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
12/06/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 5 of 6
0.22
(5.5)
0.22
(5.5)
4.57 (116.0)
5.00 (127.0)
CN2
CN1
1.52 (38.6)
4X M3 PEM Nuts on the opposite side of U-bracket for mounting
Unit: inches (mm)
U-Chassis Models (Type “U”): 5.00 x 3.20 x 1.52 inches
MATCHING CONNECTORS
CN1: Input Connector
JST B3P-VH-B pitch: 3.96mm or equivalent, mates with JST VHR-3N or equivalent.
Pin
Signal
1
AC Line
2
AC Neutral
Pin
Signal
1
RTN
2
RTN
3
RTN
4
RTN
5
+Vo
6
+Vo
7
+Vo
8
+Vo
9
+Vo
CN2: Output Connector
JST B9P-VH-B pitch: 3.96mm or equivalent, mates with JST VHR-9N or equivalent.


Similar Part No. - PSPW250

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPW040B-1Y05 WALL-PSPW040B-1Y05 Datasheet
122Kb / 2P
   40-60 Watts AC/DC Open Frame Power Supply
PSPW060B-1Y12 WALL-PSPW060B-1Y12 Datasheet
122Kb / 2P
   40-60 Watts AC/DC Open Frame Power Supply
PSPW060B-1Y15 WALL-PSPW060B-1Y15 Datasheet
122Kb / 2P
   40-60 Watts AC/DC Open Frame Power Supply
PSPW060B-1Y19 WALL-PSPW060B-1Y19 Datasheet
122Kb / 2P
   40-60 Watts AC/DC Open Frame Power Supply
PSPW060B-1Y24 WALL-PSPW060B-1Y24 Datasheet
122Kb / 2P
   40-60 Watts AC/DC Open Frame Power Supply
More results

Similar Description - PSPW250

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com