Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSPRL0801Dx-1224 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSPRL0801Dx-1224
Description  AC/DC Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL0801Dx-1224 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSPRL0801Dx-1224 Datasheet HTML 1Page - Wall Industries,Inc. PSPRL0801Dx-1224 Datasheet HTML 2Page - Wall Industries,Inc. PSPRL0801Dx-1224 Datasheet HTML 3Page - Wall Industries,Inc. PSPRL0801Dx-1224 Datasheet HTML 4Page - Wall Industries,Inc. PSPRL0801Dx-1224 Datasheet HTML 5Page - Wall Industries,Inc. PSPRL0801Dx-1224 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/01/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 6
DATASHEET
Rev. A
PSPRL0801D SERIES
Up to 240 Watts
90~264 Vac Input
Dual Output, Active PFC
AC/DC Switching Power Supply
FEATURES:
● Dual Output
● RoHS Compliant
● Remote ON/OFF
● Full Range AC Input
● 4 Mechanical Options Available
● Approved to UL, TUV, CE, and CB
● Power Factor Corrected to EN61000-3-2 Class D
● Smallest 240W with 1U Height Power Density: 10.41 Watts/cu in
DESCRIPTION:
The PSPRL0801D series of AC/DC switching power supplies offers up to 240 Watts of output power. This
series has dual output models with remote ON/OFF and 90~264VAC input voltage range. These supplies also
have over voltage, short circuit, over temperature, and over power protection. Models are available in U-Chassis
(Type U), U-Chassis with top cover (Type C), Enclosed with rear side built-in fan (Type E), and Enclosed with
top built-in fan (Type F) designs. These supplies have UL/cUL 60950-1, TUV EN60950-1, CB, and CE Mark
EN55022 and EN55024 safety approvals.
Type E
Type F
Type C
Type U


Similar Part No. - PSPRL0801Dx-1224

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPRL0801 WALL-PSPRL0801 Datasheet
496Kb / 5P
   AC/DC Switching Power Supplies
More results

Similar Description - PSPRL0801Dx-1224

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com