Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSPRL0801D Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # PSPRL0801D
Description  AC/DC Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL0801D Datasheet(HTML) 5 Page - Wall Industries,Inc.

  PSPRL0801D Datasheet HTML 1Page - Wall Industries,Inc. PSPRL0801D Datasheet HTML 2Page - Wall Industries,Inc. PSPRL0801D Datasheet HTML 3Page - Wall Industries,Inc. PSPRL0801D Datasheet HTML 4Page - Wall Industries,Inc. PSPRL0801D Datasheet HTML 5Page - Wall Industries,Inc. PSPRL0801D Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev. A
PSPRL0801D Series
Up to 240 Watts
Dual Output, Active PFC
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/01/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 5 of 6
Type “F” Models (Enclosed with Top Built-in Fan): 5(L) x 3.2(W) x 2(H) Inches; Weight: 21.16oz
Unit: mm [inches]
114.30 [4.50]
63.50 [2.50]
50.80 [2.00]
I/O CONNECTOR PIN ASSIGNMENT
Input Connector (CN1):
Molex Part No. 09-91-0050 or equivalent (5pin, 3used), PCB is Labeled: L=Line; N=Neutral;
G=Chassis Ground Mating Pins; Moles Engineering Series 2478, 2578, 8818.
Terminal block - Howder M3 Part No. HD-601-3P
Output Connector (CN2):
Molex Part No. 09-91-0800
Terminal block - Howder M3 Part No. HD-816-3P
Output Pin Assignment:
DUAL OUTPUT
Howder
Molex
V1:Pin 3
V1:Pins 6 ~ 8
RTN: Pin 2
RTN: Pins 2 ~ 5
V2: Pin 1
V2: Pin 1
Mounting Inserts:
6 Paces M3x0.7. Maximum Penetration 4mm see outline drawing for location.
Logic Signal Connector (CN3):
Mating JST XHP-4 or equivalent (CHYAO SHIUNN JS-2001-04);
Mating Pins: JST SXH-002T-P0.6 FOR AWG 30 to 26.
Fan driver connector (FAN2):
Mating connector is JST P/N XHP-3 (3 pins 0.98 pitch) or equivalent (CHYAO SHIUNN JS-2001-03).
OUTPUT PIN ASSIGNMENT
Howder
Molex
V1:Pin 3
V1:Pins 6 ~ 8
RTN: Pin 2
RTN: Pins 2 ~ 5
V2: Pin 1
V2: Pin 1


Similar Part No. - PSPRL0801D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPRL0801 WALL-PSPRL0801 Datasheet
496Kb / 5P
   AC/DC Switching Power Supplies
More results

Similar Description - PSPRL0801D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com