Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSPDF-480 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSPDF-480
Description  AC/DC Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPDF-480 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSPDF-480 Datasheet HTML 1Page - Wall Industries,Inc. PSPDF-480 Datasheet HTML 2Page - Wall Industries,Inc. PSPDF-480 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc.
Rev A 
PSPDF‐480 SERIES
Up to 528 Watts, AC/DC Switching Power Supplies
11/04/2014  
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH  03833 • Tel: 603‐778‐2300 • Toll Free: 888‐597‐9255 • Fax 603‐778‐9797 
website: www.wallindustries.com • e‐mail: sales@wallindustries.com 
Page 3 of 3
BLOCK DIAGRAM 
 
 
 
 
+S
OP
-S
DC-OK
EMI FILTER
ACTIVE INRUSH
LIMIT
PFC
DC/DC
ZVS
PFC CONTROL
OVP
CURRENT
LIMITING
RECTIFIERS
& FILTER
I/P
PE
AUX POWER
SUPPLY
OTP
TEMP SENSOR
FAN CONTROL
REGULATOR
 
 
 
 
 
MECHANICAL DRAWING 
 
 
 
 
 
 
 
CON1
3 1
4 2
Pin
Function
1
+S (Remote Sense)
2
-S (Remote Sense)
3
DC-OK
4
GND
4-M4
CON2
S1
4-M4
6.00 [152.4]
1.29 [32.8]
8.58 [218.0]
0.364 [9.25]
0.43 [11.0]
Fixture A (optional)
for bottom assembly purpose
6.00 [152.4]
1.29 [32.8]
0.49 [12.5]
SMPS Cover
Assembly Screw
Customer Plate
L ≤ 4mm
L
Unit: inches [mm]
3 1
4 2
 
 
 
 
 
COMPANY INFORMATION 
 
 
 
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in‐house research and development engineers will provide a solution 
that exceeds your performance requirements on‐time and on budget. Our ISO9001‐2008 certification is just one example of our commitment to 
producing a high quality, well‐documented product for our customers. 
 
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its customers to 
ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for your project above and 
beyond the design and production phases.  Give us a call today to discuss your future projects. 
 
Contact Wall Industries for further information: 
 
Phone: 
(603)778‐2300 
E‐mail: 
sales@wallindustries.com 
Toll Free: 
(888)597‐9255 
Web: 
www.wallindustries.com 
Fax: 
(603)778‐9797 
Address:  37 Industrial Drive 
  
 
Exeter, NH 03833 


Similar Part No. - PSPDF-480

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPDF-100 WALL-PSPDF-100 Datasheet
382Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-100-12 WALL-PSPDF-100-12 Datasheet
382Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-100-15 WALL-PSPDF-100-15 Datasheet
382Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-100-24 WALL-PSPDF-100-24 Datasheet
382Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-100-48 WALL-PSPDF-100-48 Datasheet
382Kb / 5P
   AC/DC Switching Power Supplies
More results

Similar Description - PSPDF-480

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com