Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288032A6 Datasheet(PDF) 17 Page - Hitachi Semiconductor

Part # HB288032A6
Description  FLASH ATA Card
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288032A6 Datasheet(HTML) 17 Page - Hitachi Semiconductor

Back Button HB288032A6 Datasheet HTML 13Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 14Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 15Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 16Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 17Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 18Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 19Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 20Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 21Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
HB2881000/800/640/448/320/256/192/160/128/096/064/032A6
17
2. Configuration and Status register (Address 202H)
This register is used for observing the card state.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
CHGED
SIGCHG
IOIS8
0
0
PWD
INTR
0
Note: initial value: 00H
Name
R/W
Function
CHGED
(CARD->)
R
This bit indicates that CRDY/-BSY bit on Pin Replacement register is set to "1". When
CHGED bit is set to "1", -STSCHG pin is held "L" at the condition of SIGCHG bit set to
"1" and the card configured for the I/O interface.
SIGCHG
(HOST->)
R/W
This bit is set or reset by the host for enabling and disabling the status-change signal (-
STSCHG pin). When the card is configured I/O card interface and this bit is set to "1", -
STSCHG pin is controlled by CHGED bit. If this bit is set to "0", -STSCHG pin is kept
"H".
IOIS8
(HOST->)
R/W
The host sets this field to "1" when it can provide I/O cycles only with on 8 bit data bus
(D7 to D0).
PWD
(HOST->)
R/W
When this bit is set to "1", the card enters sleep state (Power Down mode). When this
bit is reset to "0", the card transfers to idle state (active mode). RRDY/-BSY bit on Pin
Replacement Register becomes BUSY when this bit is changed. RRDY/-BSY will not
become Ready until the power state requested has been entered. This card
automatically powers down when it is idle, and powers back up when it receives a
command.
INTR
(CARD->)
R
This bit indicates the internal state of the interrupt request. This bit state is available
whether I/O card interface has been configured or not. This signal remains true until the
condition which caused the interrupt request has been serviced. If interrupts are
disabled by the -IEN bit in the Device Control Register, this bit is a zero.


Similar Part No. - HB288032A6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288032A5 HITACHI-HB288032A5 Datasheet
170Kb / 66P
   FLASH ATA Card
More results

Similar Description - HB288032A6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB288800A5 HITACHI-HB288800A5 Datasheet
170Kb / 66P
   FLASH ATA Card
HB2881000A5 HITACHI-HB2881000A5 Datasheet
168Kb / 66P
   FLASH ATA Card 1 GByte
logo
List of Unclassifed Man...
AP-FD18A20B0001GR ETC2-AP-FD18A20B0001GR Datasheet
275Kb / 18P
   ATA Flash Drive ?
AP-FD18A20C0004GS-DTM ETC2-AP-FD18A20C0004GS-DTM Datasheet
189Kb / 18P
   ATA Flash Drive
AP-FD18B20B0016GS-TM ETC2-AP-FD18B20B0016GS-TM Datasheet
259Kb / 17P
   ATA Flash Drive 185M
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com