Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288032A6 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HB288032A6
Description  FLASH ATA Card
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288032A6 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HB288032A6 Datasheet HTML 2Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 3Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 4Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 5Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 6Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 7Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 8Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 9Page - Hitachi Semiconductor HB288032A6 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
HB2881000/800/640/448/320/256/192/160/128/096/064/032A6
6
Signal name
Direction Pin No.
Description
-CSEL
(PC Card Memory mode)
I
56
This signal is not used.
-CSEL
(PC Card I/O mode)
-CSEL
(True IDE mode)
This signal is used to configure this device as a
Master or a Slave when configured in the True IDE
mode. When this pin is grounded, this device is
configured as a Master. When the pin is open, this
device is configured as a Slave.
D15 to D0
(PC Card Memory mode)
I/O
41, 40, 39, 38,
37, 66, 65, 64, 6,
5, 4, 3, 2, 32, 31,
30
Data bus is D15 to D0. D0 is the LSB of the even byte
of the word. D8 is the LSB of the odd byte of the
word.
D15 to D0
(PC Card I/O mode)
D15 to D0
(True IDE mode)
GND
(PC Card Memory mode)
1, 34, 35, 68
Ground
GND
(PC Card I/O mode)
GND
(True IDE mode)
-INPACK
(PC Card Memory mode)
O
60
This signal is not used and should not be connected
at the host.
-INPACK
(PC Card I/O mode)
Input Acknowledge
This signal is asserted low by this card when the card
is selected and responding to an I/O read cycle at the
address that is on the address bus during -CE and
-IORD are low. This signal is used for the input data
buffer control.
-INPACK
(True IDE mode)
This signal is not used and should not be connected
at the host.
-IORD
(PC Card Memory mode)
I
44
This signal is not used.
-IORD
(PC Card I/O mode)
-IORD is used for control of read data in I/O task file
area. This card does not respond to -IORD until I/O
card interface setting up.
-IORD
(True IDE mode)
-IORD is used for control of read data in I/O task file
area. This card does not respond to -IORD until True
IDE interface setting up.


Similar Part No. - HB288032A6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288032A5 HITACHI-HB288032A5 Datasheet
170Kb / 66P
   FLASH ATA Card
More results

Similar Description - HB288032A6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB288800A5 HITACHI-HB288800A5 Datasheet
170Kb / 66P
   FLASH ATA Card
HB2881000A5 HITACHI-HB2881000A5 Datasheet
168Kb / 66P
   FLASH ATA Card 1 GByte
logo
List of Unclassifed Man...
AP-FD18A20B0001GR ETC2-AP-FD18A20B0001GR Datasheet
275Kb / 18P
   ATA Flash Drive ?
AP-FD18A20C0004GS-DTM ETC2-AP-FD18A20C0004GS-DTM Datasheet
189Kb / 18P
   ATA Flash Drive
AP-FD18B20B0016GS-TM ETC2-AP-FD18B20B0016GS-TM Datasheet
259Kb / 17P
   ATA Flash Drive 185M
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com