Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD14002B Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. HD14002B
Description  Dual 4-input NOR Gate
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD14002B Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD14002B Datasheet HTML 1Page - Hitachi Semiconductor HD14002B Datasheet HTML 2Page - Hitachi Semiconductor HD14002B Datasheet HTML 3Page - Hitachi Semiconductor HD14002B Datasheet HTML 4Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-14
Conforms
Conforms
0.97 g
Unit: mm
7.62
0.25
0
° – 15°
19.20
20.32 Max
1
8
14
7
1.30
2.54
± 0.25
0.48
± 0.10
+ 0.10
– 0.05
2.39 Max


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HEF4002BDual 4-input NOR gate 1 2 3 NXP Semiconductors
DM7425Dual 4-Input NOR Gate with Strobe 1 2 National Semiconductor (TI)
TC74HC4002APDUAL 4-INPUT NOR GATE 1 2 3 4 Toshiba Semiconductor
CD54HC4002High-Speed CMOS Logic Dual 4-Input NOR Gate 1 2 3 4 5 MoreTexas Instruments
CD74HC4002High Speed CMOS Logic Dual 4-Input NOR Gate 1 2 3 4 5 Texas Instruments
IW4002BDual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS 1 2 3 4 List of Unclassifed Manufacturers
SL4002BDual 4-Input NOR Gate 1 2 3 4 System Logic Semiconductor
MM54C00Quad 2-Input NAND Gate Quad 2-Input NOR Gate Hex Inverter Triple 3-Input NAND Gate Dual 4-Input NAND Gate 1 2 3 4 5 MoreNational Semiconductor (TI)
HCTS4002MSRadiation Hardened Dual 4-Input NOR Gate 1 2 3 4 5 MoreIntersil Corporation
74HC4002Dual 4-input NOR gate 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn