Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288064A6 Datasheet(PDF) 22 Page - Hitachi Semiconductor

Part # HB288064A6
Description  FLASH ATA Card
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288064A6 Datasheet(HTML) 22 Page - Hitachi Semiconductor

Back Button HB288064A6 Datasheet HTML 18Page - Hitachi Semiconductor HB288064A6 Datasheet HTML 19Page - Hitachi Semiconductor HB288064A6 Datasheet HTML 20Page - Hitachi Semiconductor HB288064A6 Datasheet HTML 21Page - Hitachi Semiconductor HB288064A6 Datasheet HTML 22Page - Hitachi Semiconductor HB288064A6 Datasheet HTML 23Page - Hitachi Semiconductor HB288064A6 Datasheet HTML 24Page - Hitachi Semiconductor HB288064A6 Datasheet HTML 25Page - Hitachi Semiconductor HB288064A6 Datasheet HTML 26Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
HB2881000/800/640/448/320/256/192/160/128/096/064/032A6
22
Address Data 7
6
5
43210
Description of contents
CIS function
082H
1BH
CISTPL_CFTABLE_ENTRY
Configuration table entry
tuple
Tuple code
084H
08H
TPL_LINK
Link length is 8 bytes
Link to next tuple
086H
C0H I
D Configuration index
Memory mapped I/O
configuration
I = 1: Interface byte follows
D = 1: Default entry
Configuration index = 0
Configuration table index
byte
TPCE_INDX
088H
40H
W
R P
B Interface type
W = 0: Wait not used
R = 1: Ready active
P = 0: WP used
B = 0: BVD1 and BVD2 not
used
IF type = 0: Memory
interface
Interface description field
TPCE_IF
08AH
A1H
M
MS
IR IO T
P
M = 1: Misc info present
MS = 01: Memory space info
single 2-byte length
IR = 0: No interrupt info
present
IO = 0: No I/O port info
present
T = 0: No timing info present
P = 1: V
CC only info
Feature selection byte
TPCE_FS
08CH
01H
R
DI PI AI SI HV LV NV
Nominal voltage only follows
R: Reserved
DI: Power down current info
PI: Peak current info
AI: Average current info
SI: Static current info
HV: Max voltage info
LV: Min voltage info
NV: Nominal voltage info
Power parameters for V
CC
08EH
55H
X
Mantissa
Exponent
Nominal voltage = 5 V
V
CC nominal value
090H
08H
Length in 256 bytes pages (LSB)
Length of memory space is 2
kB
Memory space description
structures (TPCE_MS)
092H
00H
Length in 256 bytes pages (MSB)
094H
20H
X
R P
RO A T
X = 0: No more misc fields
R: Reserved
P = 1: Power down
supported
RO = 0: Not read only mode
A = 0: Audio not supported
T = 0: Single drive
Miscellaneous features field
TPCE_MI


Similar Part No. - HB288064A6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288064A5 HITACHI-HB288064A5 Datasheet
170Kb / 66P
   FLASH ATA Card
More results

Similar Description - HB288064A6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB288800A5 HITACHI-HB288800A5 Datasheet
170Kb / 66P
   FLASH ATA Card
HB2881000A5 HITACHI-HB2881000A5 Datasheet
168Kb / 66P
   FLASH ATA Card 1 GByte
logo
List of Unclassifed Man...
AP-FD18A20B0001GR ETC2-AP-FD18A20B0001GR Datasheet
275Kb / 18P
   ATA Flash Drive ?
AP-FD18A20C0004GS-DTM ETC2-AP-FD18A20C0004GS-DTM Datasheet
189Kb / 18P
   ATA Flash Drive
AP-FD18B20B0016GS-TM ETC2-AP-FD18B20B0016GS-TM Datasheet
259Kb / 17P
   ATA Flash Drive 185M
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com