Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSM250B1Y40O Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSM250B1Y40O
Description  Medical AC/DC Switching Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSM250B1Y40O Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSM250B1Y40O Datasheet HTML 1Page - Wall Industries,Inc. PSM250B1Y40O Datasheet HTML 2Page - Wall Industries,Inc. PSM250B1Y40O Datasheet HTML 3Page - Wall Industries,Inc. PSM250B1Y40O Datasheet HTML 4Page - Wall Industries,Inc. PSM250B1Y40O Datasheet HTML 5Page - Wall Industries,Inc. PSM250B1Y40O Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev. E
PSM250 Series
250 Watts, Single Outputs
Open Frame & U-Chassis Packages
Medical AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
04/05/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 6
MECHANICAL DRAWINGS
0.22
(5.5)
0.22
(5.5)
4.57 (116.0)
4 X Ø3.5 Mounting Holes
5.00 (127.0)
0.22 (5.5)
0.22 (5.5)
1.28 (32.5)
0.087 (2.2)
CN1
Unit: inches (mm)
MATCHING CONNECTORS
CN1: Input Connector
JST B3P-VH-B pitch: 3.96mm or equivalent, mates with JST VHR-3N or equivalent.
Pin
Signal
1
AC Line
2
AC Neutral
Pin
Signal
1
RTN
2
RTN
3
RTN
4
RTN
5
+Vo
6
+Vo
7
+Vo
8
+Vo
9
+Vo
CN2: Output Connector
JST B9P-VH-B pitch: 3.96mm or equivalent, mates with JST VHR-9N or equivalent.
Open Frame Models (Type “O”): 5.00 x 3.00 x 1.28 inches


Similar Part No. - PSM250B1Y40O

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSM250 POWERSEM-PSM250 Datasheet
79Kb / 1P
   Silicon Power Diode
PSM250K POWERSEM-PSM250K Datasheet
79Kb / 1P
   Silicon Power Diode
More results

Similar Description - PSM250B1Y40O

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSM360 WALL-PSM360 Datasheet
269Kb / 7P
   Medical AC/DC Switching Power Supplies
PSME10 WALL-PSME10 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSPRL1103M WALL-PSPRL1103M Datasheet
568Kb / 7P
   Medical AC/DC Switching Power Supplies
PSM500 WALL-PSM500 Datasheet
224Kb / 8P
   Medical AC/DC Switching Power Supplies
PSMP05 WALL-PSMP05 Datasheet
217Kb / 4P
   Medical AC/DC Switching Power Supplies
PSMP10 WALL-PSMP10 Datasheet
213Kb / 4P
   Medical AC/DC Switching Power Supplies
PSME05 WALL-PSME05 Datasheet
194Kb / 4P
   Medical AC/DC Switching Power Supplies
PSMSC WALL-PSMSC Datasheet
165Kb / 5P
   40 Watt Medical AC - DC Switching Power Supplies
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
   Medical AC/DC Power Supplies
PSMAF150 WALL-PSMAF150 Datasheet
1Mb / 9P
   Medical AC/DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com