Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSIUU100-107 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSIUU100-107
Description  AC/DC Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSIUU100-107 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSIUU100-107 Datasheet HTML 1Page - Wall Industries,Inc. PSIUU100-107 Datasheet HTML 2Page - Wall Industries,Inc. PSIUU100-107 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc.
Rev A
PSIUU100 SERIES
Up to 100 Watts, AC/DC Switching Power Supplies
02/25/2014
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 3
FEATURES
Class I
RoHS Compliant
Internal EMI Filter
Up to 100 Watts Output Power
Active Power Factor Correction
Over Voltage Protection (Crowbar Design)
Over Current Protection
Wide Input Voltage Range: 90~260VAC
-20°C to +70°C Operating Temperature Range
Single Outputs Ranging from 3VDC to 50VDC
3-Pin Input Connector
2-Pin Input Connector Available (See PSIUU101 Series)
UL/cUL(UL 60950-1: 2nd Ed.) & TUV/GS (EN 60950-1: 2nd Ed.)
Safety Approvals
Meets FCC Part-15 Class B and CISPR-22 Class B Emission Limits
100% Burn-in Tested
DESCRIPTION
BAUART
TYPE
APPROVED
GEPRUFT
Size:
Weight:
5.00 x 3.21 x 1.44 inches
1.05 lbs (475g)
127.0 x 81.6 x 36.6 mm
The PSIUU100 series of Class I AC/DC switching mode power supplies provides up to 100 Watts of continuous
output power in a 5.00” x 3.21” x 1.44” U-chassis package. This series has single output models ranging from
3VDC to 50VDC with a wide input voltage range of 90~260VAC. These power supplies have an internal EMI
filter, active power factor correction, and over voltage and over current protection. This series also has UL/cUL
(UL 60950-1: 2nd edition) and TUV/GS (EN 60950-1: 2nd edition) safety approvals and meets FCC Part-15 Class B
and CISPR-22 Class B Emission limits. These units are well suited for use in industrial equipment as well as many
other applications. All models are 100% burn-in tested.
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage
Output Current
Total Regulation
Output Power
No-Load
Power Consumption
PSIUU100-101
3 ~ 5 VDC
18.00 ~ 10.80 A
5%
54W
6W
PSIUU100-102
5 ~ 6 VDC
14.00 ~ 11.66 A
5%
70W
6W
PSIUU100-103
6 ~ 9 VDC
13.33 ~ 8.88 A
5%
80W
6W
PSIUU100-104
9 ~ 11 VDC
11.11 ~ 9.09 A
5%
100W
6W
PSIUU100-105
11 ~ 13 VDC
9.09 ~ 7.69 A
3%
100W
6W
PSIUU100-106
13 ~ 16 VDC
7.69 ~ 6.25 A
3%
100W
6W
PSIUU100-107
16 ~ 21 VDC
6.25 ~ 4.76 A
3%
100W
6W
PSIUU100-108
21 ~ 27 VDC
4.76 ~ 3.70 A
2%
100W
6W
PSIUU100-109
27 ~ 33 VDC
3.70 ~ 3.03 A
2%
100W
6W
PSIUU100-110
33 ~ 40 VDC
3.03 ~ 2.50 A
2%
100W
6W
PSIUU100-111
90 ~ 260 VAC
40 ~ 50 VDC
2.50 ~ 2.00 A
2%
100W
6W
DERATING
Notes
1. Operating Temperature: -20°C to + 70°C
2. Derating linearly from 100% load at 50°C to 50% load at 70°C
-20
0
20
40
60
70
80
120
100
80
60
40
20
0
Ambient Temperature (°C)


Similar Part No. - PSIUU100-107

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSIUU101 WALL-PSIUU101 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSIUU101-101 WALL-PSIUU101-101 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSIUU101-102 WALL-PSIUU101-102 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSIUU101-103 WALL-PSIUU101-103 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSIUU101-104 WALL-PSIUU101-104 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
More results

Similar Description - PSIUU100-107

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com