Electronic Components Datasheet Search |
|
PSM250B1Y12O Datasheet(PDF) 1 Page - Wall Industries,Inc. |
|
PSM250B1Y12O Datasheet(HTML) 1 Page - Wall Industries,Inc. |
1 / 6 page Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 04/05/2012 603-778-2300 www.wallindustries.com Fax 603-778-9797 Page 1 of 6 DATASHEET Rev. E PSM250 SERIES 90~264VAC Input Voltage Range 200 Watts with Free Air Convection 250 Watts with 17.1CFM Forced Air Medical AC/DC Switching Power Supplies FEATURES Single Outputs RoHS Compliant Power Factor > 0.90 at 230VAC 90~264VAC Input Voltage Range 85% High Efficiency 250W with 17.1CFM Forced Air 200W with Convection Cooling High Power Density No Minimum Load Requirement Over Load, Over Voltage, and Short Circuit Protection Ultra Low Leakage Current < 300µA at 264VAC UL/cUL 60601-1, TUV EN60601-1, and IEC60601-1:2005 (3 rd edition) Medical Approvals Meets CE, EN60601-1-2, FCC Part-18 Class B, EN55011 Class B, and EMC Standards Open Frame and U-Chassis Mechanical Options Available DESCRIPTION The PSM250 series of medical AC/DC switching power supplies offers 250 Watts of output power with 17.1CFM forced air and 200 Watts with convection cooling. All models have a single output, a 90~264VAC input voltage range, and a power factor greater than 0.9. These units are also protected against short circuit, over load, and over voltage conditions. All models have UL/cUL 60601-1, TUV EN60601-1, and IEC60601-1:2005 (3 rd edition) safety approvals. This series is RoHS compliant and meets CE, EN60601-1, FCC Part-18 Class B, and EN55011 Class B EMC standards. Models are available in both open frame (Type O) and U-chassis (Type U) designs. Type O Type U |
Similar Part No. - PSM250B1Y12O |
|
Similar Description - PSM250B1Y12O |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |