Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSM200A3-1Y12 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSM200A3-1Y12
Description  AC/DC Medical Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSM200A3-1Y12 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSM200A3-1Y12 Datasheet HTML 1Page - Wall Industries,Inc. PSM200A3-1Y12 Datasheet HTML 2Page - Wall Industries,Inc. PSM200A3-1Y12 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
08/01/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 3
PSM200 Series
Single Output
200 Watt, U-Chassis
AC/DC Medical Power Supply
Rev. D
MODEL SELECTION GUIDE
Model
Input Voltage
Output Voltage
Output Current
Ripple & Noise
Output Power
PSM200A3-1Y12
90 ~ 264 VAC
12 VDC
16.66A
240mVp-p
200W
PSM200A3-1Y16
90 ~ 264 VAC
16 VDC
12.50A
300mVp-p
200W
PSM200A3-1Y19
90 ~ 264 VAC
19 VDC
10.53A
300mVp-p
200W
PSM200A3-1Y20
90 ~ 264 VAC
20 VDC
10A
300mVp-p
200W
PSM200A3-1Y24
90 ~ 264 VAC
24 VDC
8.33A
300mVp-p
200W
PSM200A3-1Y36
90 ~ 264 VAC
36 VDC
5.555A
300mVp-p
200W
PSM200A3-1Y48
90 ~ 264 VAC
48 VDC
4.166A
300mVp-p
200W
NOTES
1. Ripple & Noise is measured at 20MHz bandwidth with a tantalum 10µF in parallel with a 0.1µF ceramic capacitor.
DERATING CURVE
50°C forced air
cooling 12CFM
0
10
20
30
40
50
60
70
80
90
120
100
80
60
40
20
0
Ambient Temperature (°C)


Similar Part No. - PSM200A3-1Y12

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSM200 POWERSEM-PSM200 Datasheet
81Kb / 1P
   Silicon Power Diode
PSM200K POWERSEM-PSM200K Datasheet
81Kb / 1P
   Silicon Power Diode
More results

Similar Description - PSM200A3-1Y12

ManufacturerPart #DatasheetDescription
logo
CUI INC
ETMA120500UD CUI-ETMA120500UD Datasheet
463Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
ETMA1202083U CUI-ETMA1202083U Datasheet
218Kb / 5P
   MEDICAL AC-DC POWER SUPPLY
ETMA200WU CUI-ETMA200WU Datasheet
553Kb / 5P
   MEDICAL AC-DC POWER SUPPLY
07/23/2020
EMMA-30W CUI-EMMA-30W_V01 Datasheet
364Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
06/20/2017
ETMA30W CUI-ETMA30W Datasheet
369Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
07/10/2015
EMMA_30W CUI-EMMA_30W Datasheet
229Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
logo
Wall Industries,Inc.
PSMHBU31 WALL-PSMHBU31 Datasheet
127Kb / 2P
   AC/DC Medical Power Supply
logo
CUI INC
EMMA050400 CUI-EMMA050400 Datasheet
519Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
ETMA-60W-UD CUI-ETMA-60W-UD Datasheet
364Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
VSKM-S10 CUI-VSKM-S10 Datasheet
309Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com