Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSHF320W-SC-12 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSHF320W-SC-12
Description  AC/DC Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSHF320W-SC-12 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSHF320W-SC-12 Datasheet HTML 1Page - Wall Industries,Inc. PSHF320W-SC-12 Datasheet HTML 2Page - Wall Industries,Inc. PSHF320W-SC-12 Datasheet HTML 3Page - Wall Industries,Inc. PSHF320W-SC-12 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/04/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 4
DATASHEET
Rev. B
PSHF320W SERIES
85~264VAC (120~370VDC) Input Voltage Range
Up to 322 Watts Output Power
Single Outputs, Power Factor Correction
AC/DC Switching Power Supplies
FEATURES
 RoHS Compliant
 ±10% Voltage Adjustment Range
 85~264VAC (120~370VDC) Input Voltage Range
 Built-in Fan Speed Control
 Power Factor > 0.98 at 115VAC; > 0.95 at 230VAC
 3000VAC I/O Isolation
 Single Outputs
 8.46” x 4.53” x1.97” Enclosed Case
 Up to 320W Output Power
 Short Circuit, Over Current, Over Voltage, and Over
Temperature Protection
 UL60950, EN60950, GB4943, and CE Approvals
DESCRIPTION
The PSHF320W series of AC/DC power supplies offers up to 322W of output power in a 8.46” x 4.53” x 1.97”
enclosed case. This series consists of single output models with a universal input voltage range of 85~264VAC
(120~370VDC). Some features include built-in fan speed control, power factor > 0.98 at 115VAC, and ±10%
output adjustment range. These supplies are also protected against short circuit, over current, over voltage, and
over temperature conditions. This series is RoHS compliant and has UL60950, EN60950, GB4943, and CE
approvals.


Similar Part No. - PSHF320W-SC-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W-SE-12 WALL-PSHF35W-SE-12 Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W-SE-15 WALL-PSHF35W-SE-15 Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W-SE-24 WALL-PSHF35W-SE-24 Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W-SE-48 WALL-PSHF35W-SE-48 Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
More results

Similar Description - PSHF320W-SC-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com