Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288192A5 Datasheet(PDF) 57 Page - Hitachi Semiconductor

Part # HB288192A5
Description  FLASH ATA Card
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288192A5 Datasheet(HTML) 57 Page - Hitachi Semiconductor

Back Button HB288192A5 Datasheet HTML 53Page - Hitachi Semiconductor HB288192A5 Datasheet HTML 54Page - Hitachi Semiconductor HB288192A5 Datasheet HTML 55Page - Hitachi Semiconductor HB288192A5 Datasheet HTML 56Page - Hitachi Semiconductor HB288192A5 Datasheet HTML 57Page - Hitachi Semiconductor HB288192A5 Datasheet HTML 58Page - Hitachi Semiconductor HB288192A5 Datasheet HTML 59Page - Hitachi Semiconductor HB288192A5 Datasheet HTML 60Page - Hitachi Semiconductor HB288192A5 Datasheet HTML 61Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
HB288800/640/448/320/256/192/160/128/096/064/032A5
57
I/O Access Read AC Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Data delay after -IORD
td(IORD)
100
ns
Data hold following -IORD
th(IORD)
0
ns
-IORD pulse width
tw(IORD)
165
ns
Address setup before -IORD
tsuA(IORD)
70
ns
Address hold following -IORD
thA(IORD)
20
ns
-CE setup before -IORD
tsuCE(IORD)
5
ns
-CE hold following -IORD
thCE(IORD)
20
ns
-REG setup before -IORD
tsuREG(IORD)
5
ns
-REG hold following -IORD
thREG(IORD)
0
ns
-INPACK delay falling from -IORD
tdfINPACK(IORD) 0
45
ns
-INPACK delay rising from -IORD
tdrINPACK(IORD) —
45
ns
-IOIS16 delay falling from address
tdfIOIS16(ADR)
35
ns
-IOIS16 delay rising from address
tdrIOIS16(ADR)
35
ns
I/O Access Read Timing
-REG
A0 to A10
-CE2/-CE1
-WE, -OE, -IOWR : High Fix
D0 to D15
-IORD
tsuREG(IORD)
tsuCE(IORD)
thA(IORD)
thREG(IORD)
thCE(IORD)
tsuA(IORD)
tdfIOIS16(ADR)
tdfINPACK(IORD)
tdrINPACK(IORD)
tdrIOIS16(ADR)
th(IORD)
Valid Output
td(IORD)
-INPACK
-IOIS16
tw(IORD)


Similar Part No. - HB288192A5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288192A6 HITACHI-HB288192A6 Datasheet
169Kb / 66P
   FLASH ATA Card
More results

Similar Description - HB288192A5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB2881000A6 HITACHI-HB2881000A6 Datasheet
169Kb / 66P
   FLASH ATA Card
HB2881000A5 HITACHI-HB2881000A5 Datasheet
168Kb / 66P
   FLASH ATA Card 1 GByte
logo
List of Unclassifed Man...
AP-FD18A20B0001GR ETC2-AP-FD18A20B0001GR Datasheet
275Kb / 18P
   ATA Flash Drive ?
AP-FD18A20C0004GS-DTM ETC2-AP-FD18A20C0004GS-DTM Datasheet
189Kb / 18P
   ATA Flash Drive
AP-FD18B20B0016GS-TM ETC2-AP-FD18B20B0016GS-TM Datasheet
259Kb / 17P
   ATA Flash Drive 185M
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com