Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288128A6 Datasheet(PDF) 38 Page - Hitachi Semiconductor

Part # HB288128A6
Description  FLASH ATA Card
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288128A6 Datasheet(HTML) 38 Page - Hitachi Semiconductor

Back Button HB288128A6 Datasheet HTML 34Page - Hitachi Semiconductor HB288128A6 Datasheet HTML 35Page - Hitachi Semiconductor HB288128A6 Datasheet HTML 36Page - Hitachi Semiconductor HB288128A6 Datasheet HTML 37Page - Hitachi Semiconductor HB288128A6 Datasheet HTML 38Page - Hitachi Semiconductor HB288128A6 Datasheet HTML 39Page - Hitachi Semiconductor HB288128A6 Datasheet HTML 40Page - Hitachi Semiconductor HB288128A6 Datasheet HTML 41Page - Hitachi Semiconductor HB288128A6 Datasheet HTML 42Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
HB2881000/800/640/448/320/256/192/160/128/096/064/032A6
38
9. Status register: This register is read only register, and it indicates the card status of command execution.
When this register is read in configured I/O card mode (INDEX = 1, 2, 3) and level interrupt mode, -IREQ is
negated. This register should be accessed in byte mode. In word mode, it is recommended that Alternate
status register may be used as this register.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
BSY
DRDY
DWF
DSC
DRQ
CORR
IDX
ERR
bit
Name
Function
7
BSY (BuSY)
This bit is set when the card internal operation is executing. When
this bit is set to "1", other bits in this register are invalid.
6
DRDY (Drive ReaDY)
If this bit and DSC bit are set to "1", the card is capable of receiving
the read or write or seek requests. If this bit is set to "0", the card
prohibits these requests.
5
DWF (Drive Write Fault)
This bit is set if this card indicates the write fault status.
4
DSC (Drive Seek Complete)
This bit is set when the drive seek complete.
3
DRQ (Data ReQuest)
This bit is set when the information can be transferred between the
host and Data register. This bit is cleared when the card receives
the other command.
2
CORR (CORRected data)
This bit is set when a correctable data error has been occurred and
the data has been corrected.
1
IDX (InDeX)
This bit is always set to "0".
0
ERR (ERRor)
This bit is set when the previous command has ended in some type
of error. The error information is set in the other Status register or
Error register. This bit is cleared by the next command.
10. Alternate status register: This register is the same as Status register in physically, so the bit assignment
refers to previous item of Status register. But this register is different from Status register that -IREQ is not
negated when data read.
11. Command register: This register is write only register, and it is used for writing the command at
executing the drive operation. The command code written in the command register, after the parameter is
written in the Task File during the card is Ready state.


Similar Part No. - HB288128A6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288128A5 HITACHI-HB288128A5 Datasheet
170Kb / 66P
   FLASH ATA Card
More results

Similar Description - HB288128A6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB288800A5 HITACHI-HB288800A5 Datasheet
170Kb / 66P
   FLASH ATA Card
HB2881000A5 HITACHI-HB2881000A5 Datasheet
168Kb / 66P
   FLASH ATA Card 1 GByte
logo
List of Unclassifed Man...
AP-FD18A20B0001GR ETC2-AP-FD18A20B0001GR Datasheet
275Kb / 18P
   ATA Flash Drive ?
AP-FD18A20C0004GS-DTM ETC2-AP-FD18A20C0004GS-DTM Datasheet
189Kb / 18P
   ATA Flash Drive
AP-FD18B20B0016GS-TM ETC2-AP-FD18B20B0016GS-TM Datasheet
259Kb / 17P
   ATA Flash Drive 185M
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com