Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288160A6 Datasheet(PDF) 63 Page - Hitachi Semiconductor

Part # HB288160A6
Description  FLASH ATA Card
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288160A6 Datasheet(HTML) 63 Page - Hitachi Semiconductor

Back Button HB288160A6 Datasheet HTML 58Page - Hitachi Semiconductor HB288160A6 Datasheet HTML 59Page - Hitachi Semiconductor HB288160A6 Datasheet HTML 60Page - Hitachi Semiconductor HB288160A6 Datasheet HTML 61Page - Hitachi Semiconductor HB288160A6 Datasheet HTML 62Page - Hitachi Semiconductor HB288160A6 Datasheet HTML 63Page - Hitachi Semiconductor HB288160A6 Datasheet HTML 64Page - Hitachi Semiconductor HB288160A6 Datasheet HTML 65Page - Hitachi Semiconductor HB288160A6 Datasheet HTML 66Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
HB2881000/800/640/448/320/256/192/160/128/096/064/032A6
63
Reset Characteristics (only Memory Card Mode or I/O Card Mode)
Hard Reset Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Note
Reset setup time
tsu(RESET)
100
ms
-CE recover time
trec(VCC)
1
µs
VCC rising up time
tpr
0.1
100
ms
VCC falling down time
tpf
3
300
ms
Reset pulse width
tw(RESET)
10
µs
th(Hi-ZRESET) 1
ms
ts(Hi-ZRESET) 100
ms
1
Note:
1. As for this specification, it is fitted activity state when change. When reset signal is non-activity
state and a card is ready state, can shift to power supply cutoff sequence instantly.
Hard Reset Timing
Vcc
-CE1, -CE2
tpr
tpf
10%
90%
10%
90%
th(Hi-ZRESET)
ts(Hi-ZRESET)
tsu(RESET)
tw(RESET)
Low
High-Z
High-Z
trec(Vcc)
RESET


Similar Part No. - HB288160A6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288160A5 HITACHI-HB288160A5 Datasheet
170Kb / 66P
   FLASH ATA Card
More results

Similar Description - HB288160A6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB288800A5 HITACHI-HB288800A5 Datasheet
170Kb / 66P
   FLASH ATA Card
HB2881000A5 HITACHI-HB2881000A5 Datasheet
168Kb / 66P
   FLASH ATA Card 1 GByte
logo
List of Unclassifed Man...
AP-FD18A20B0001GR ETC2-AP-FD18A20B0001GR Datasheet
275Kb / 18P
   ATA Flash Drive ?
AP-FD18A20C0004GS-DTM ETC2-AP-FD18A20C0004GS-DTM Datasheet
189Kb / 18P
   ATA Flash Drive
AP-FD18B20B0016GS-TM ETC2-AP-FD18B20B0016GS-TM Datasheet
259Kb / 17P
   ATA Flash Drive 185M
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com