Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288064C6 Datasheet(PDF) 64 Page - Hitachi Semiconductor

Part # HB288064C6
Description  CompactFlash?
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288064C6 Datasheet(HTML) 64 Page - Hitachi Semiconductor

Back Button HB288064C6 Datasheet HTML 59Page - Hitachi Semiconductor HB288064C6 Datasheet HTML 60Page - Hitachi Semiconductor HB288064C6 Datasheet HTML 61Page - Hitachi Semiconductor HB288064C6 Datasheet HTML 62Page - Hitachi Semiconductor HB288064C6 Datasheet HTML 63Page - Hitachi Semiconductor HB288064C6 Datasheet HTML 64Page - Hitachi Semiconductor HB288064C6 Datasheet HTML 65Page - Hitachi Semiconductor HB288064C6 Datasheet HTML 66Page - Hitachi Semiconductor HB288064C6 Datasheet HTML 67Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
HB288256/192/160/128/096/064/032C6
64
Reset Characteristics (only Memory Card Mode or I/O Card Mode)
Hard Reset Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Note
Reset setup time
tsu(RESET)
100
ms
-CE recover time
trec(VCC)
1
µs
VCC rising up time
tpr
0.1
100
ms
VCC falling down time
tpf
3
300
ms
Reset pulse width
tw(RESET)
10
µs
th(Hi-ZRESET) 1
ms
ts(Hi-ZRESET) 100
ms
1
Note:
1. As for this specification, it is fitted activity state when change. When reset signal is non-activity
state and a card is ready state, can shift to power supply cutoff sequence instantly.
Hard Reset Timing
Vcc
-CE1, -CE2
tpr
tpf
10%
90%
10%
90%
th(Hi-ZRESET)
ts(Hi-ZRESET)
tsu(RESET)
tw(RESET)
Low
High-Z
High-Z
trec(Vcc)
RESET


Similar Part No. - HB288064C6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288064C5 HITACHI-HB288064C5 Datasheet
171Kb / 67P
   CompactFlash?
More results

Similar Description - HB288064C6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB289048C4 HITACHI-HB289048C4 Datasheet
192Kb / 66P
   CompactFlash?
HB288256C5 HITACHI-HB288256C5 Datasheet
171Kb / 67P
   CompactFlash?
HB28C048C6 HITACHI-HB28C048C6 Datasheet
168Kb / 66P
   CompactFlash?
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
logo
AAEON Technology
COMPACTFLASH AAEON-COMPACTFLASH Datasheet
626Kb / 1P
   CompactFlash??Specification Standard
logo
ITT Industries
CCM05-5791T30 ITT-CCM05-5791T30 Datasheet
313Kb / 4P
   CompactFlash Header
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
   Industrial CompactFlash
3-Jul-2013
logo
ALPS ELECTRIC CO.,LTD.
SCFB ALPS-SCFB Datasheet
395Kb / 5P
   Connector for CompactFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com