Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288064C6 Datasheet(PDF) 52 Page - Hitachi Semiconductor

Part # HB288064C6
Description  CompactFlash?
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288064C6 Datasheet(HTML) 52 Page - Hitachi Semiconductor

Back Button HB288064C6 Datasheet HTML 48Page - Hitachi Semiconductor HB288064C6 Datasheet HTML 49Page - Hitachi Semiconductor HB288064C6 Datasheet HTML 50Page - Hitachi Semiconductor HB288064C6 Datasheet HTML 51Page - Hitachi Semiconductor HB288064C6 Datasheet HTML 52Page - Hitachi Semiconductor HB288064C6 Datasheet HTML 53Page - Hitachi Semiconductor HB288064C6 Datasheet HTML 54Page - Hitachi Semiconductor HB288064C6 Datasheet HTML 55Page - Hitachi Semiconductor HB288064C6 Datasheet HTML 56Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
HB288256/192/160/128/096/064/032C6
52
DC Characteristics-1 (Ta = 0 to +60˚C, V
CC = 5 V ± 10%, 3.3 V ± 5%)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Note
Input leakage current
I
LI
± 1
µA
Vin = GND to V
CC
1
Output voltage
V
OL
0.4
V
I
OL = 8 mA
V
OH
V
CC – 0.8
V
I
OH = –8 mA
Note:
1. Except pulled up input pin.
3.3 V
5 V
Parameter
Symbol Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Input voltage
(CMOS)
V
IL
0.6
0.8
V
V
IH
2.4
4.0
V
Input voltage
(Schmitt trigger)
V
IL
1.0
2.0
V
V
IH
1.8
2.8
V
DC Characteristics-2 (Ta = 0 to +60˚C, V
CC = 5.0 V ± 10%)
32MB/64MB/
96MB/
128MB
160MB/192
MB/256MB/
Parameter
Symbol
Typ
Max
Typ
Max
Unit Test conditions
Sleep/standby
current
I
SP1
0.5
1.0
0.7
1.5
mA
CMOS level (control signal = V
CC – 0.2 V)
(In Memory card mode and I/O card
mode)
Sector read current I
CCR (DC)
40
75
40
75
mA
CMOS level (control signal = V
CC – 0.2 V)
during sector read transfer
I
CCR (Peak)
80
120
80
120
mA
Sector write current I
CCW (DC)
45
75
45
75
mA
CMOS level (control signal = V
CC – 0.2 V)
during sector write transfer
I
CCW (Peak)
80
120
80
120
mA


Similar Part No. - HB288064C6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288064C5 HITACHI-HB288064C5 Datasheet
171Kb / 67P
   CompactFlash?
More results

Similar Description - HB288064C6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB289048C4 HITACHI-HB289048C4 Datasheet
192Kb / 66P
   CompactFlash?
HB288256C5 HITACHI-HB288256C5 Datasheet
171Kb / 67P
   CompactFlash?
HB28C048C6 HITACHI-HB28C048C6 Datasheet
168Kb / 66P
   CompactFlash?
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
logo
AAEON Technology
COMPACTFLASH AAEON-COMPACTFLASH Datasheet
626Kb / 1P
   CompactFlash??Specification Standard
logo
ITT Industries
CCM05-5791T30 ITT-CCM05-5791T30 Datasheet
313Kb / 4P
   CompactFlash Header
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
   Industrial CompactFlash
3-Jul-2013
logo
ALPS ELECTRIC CO.,LTD.
SCFB ALPS-SCFB Datasheet
395Kb / 5P
   Connector for CompactFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com