Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288320A5 Datasheet(PDF) 13 Page - Hitachi Semiconductor

Part # HB288320A5
Description  FLASH ATA Card
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288320A5 Datasheet(HTML) 13 Page - Hitachi Semiconductor

Back Button HB288320A5 Datasheet HTML 9Page - Hitachi Semiconductor HB288320A5 Datasheet HTML 10Page - Hitachi Semiconductor HB288320A5 Datasheet HTML 11Page - Hitachi Semiconductor HB288320A5 Datasheet HTML 12Page - Hitachi Semiconductor HB288320A5 Datasheet HTML 13Page - Hitachi Semiconductor HB288320A5 Datasheet HTML 14Page - Hitachi Semiconductor HB288320A5 Datasheet HTML 15Page - Hitachi Semiconductor HB288320A5 Datasheet HTML 16Page - Hitachi Semiconductor HB288320A5 Datasheet HTML 17Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
HB288800/640/448/320/256/192/160/128/096/064/032A5
13
2. Task File register access specifications
There are two cases of Task File register mapping, one is mapped I/O address area, the other is mapped Memory address
area. Each case of Task File register read and write operations are executed under the condition as follows. That area can
be accessed by Byte/Word/Odd Byte mode which are defined by PC card standard specifications.
(1) I/O address map
Task File Register Read Access Mode (1)
Mode
-REG
-CE2
-CE1
A0
-IORD -IOWR -OE
-WE
D8 to D15 D0 to D7
Standby mode
×
HH
×
××××
High-Z
High-Z
Byte access (8-bit)
L
H
L
L
L
H
H
H
High-Z
even byte
L
H
L
H
L
H
H
H
High-Z
odd byte
Word access (16-bit)
L
L
L
×
L
H
H
H
odd byte
even byte
Odd byte access (8-bit)
L
L
H
×
L
H
H
H
odd byte
High-Z
Note:
×: L or H
Task File Register Write Access Mode (1)
Mode
-REG
-CE2
-CE1
A0
-IORD -IOWR -OE
-WE
D8 to D15 D0 to D7
Standby mode
×
HH
×
××××
Don’t care Don’t care
Byte access (8-bit)
L
H
L
L
H
L
H
H
Don’t care even byte
L
H
L
H
H
L
H
H
Don’t care odd byte
Word access (16-bit)
L
L
L
×
H
L
H
H
odd byte
even byte
Odd byte access (8-bit)
L
L
H
×
H
L
H
H
odd byte
Don’t care
Note:
×: L or H
Task File Register Access Timing Example (1)
Dout
A0 to A10
-REG
-CE2/-CE1
-IORD
- IOWR
D0 to D15
read cycle
write cycle
Din


Similar Part No. - HB288320A5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288320A6 HITACHI-HB288320A6 Datasheet
169Kb / 66P
   FLASH ATA Card
More results

Similar Description - HB288320A5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB2881000A6 HITACHI-HB2881000A6 Datasheet
169Kb / 66P
   FLASH ATA Card
HB2881000A5 HITACHI-HB2881000A5 Datasheet
168Kb / 66P
   FLASH ATA Card 1 GByte
logo
List of Unclassifed Man...
AP-FD18A20B0001GR ETC2-AP-FD18A20B0001GR Datasheet
275Kb / 18P
   ATA Flash Drive ?
AP-FD18A20C0004GS-DTM ETC2-AP-FD18A20C0004GS-DTM Datasheet
189Kb / 18P
   ATA Flash Drive
AP-FD18B20B0016GS-TM ETC2-AP-FD18B20B0016GS-TM Datasheet
259Kb / 17P
   ATA Flash Drive 185M
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com