Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288320A5 Datasheet(PDF) 41 Page - Hitachi Semiconductor

Part # HB288320A5
Description  FLASH ATA Card
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288320A5 Datasheet(HTML) 41 Page - Hitachi Semiconductor

Back Button HB288320A5 Datasheet HTML 37Page - Hitachi Semiconductor HB288320A5 Datasheet HTML 38Page - Hitachi Semiconductor HB288320A5 Datasheet HTML 39Page - Hitachi Semiconductor HB288320A5 Datasheet HTML 40Page - Hitachi Semiconductor HB288320A5 Datasheet HTML 41Page - Hitachi Semiconductor HB288320A5 Datasheet HTML 42Page - Hitachi Semiconductor HB288320A5 Datasheet HTML 43Page - Hitachi Semiconductor HB288320A5 Datasheet HTML 44Page - Hitachi Semiconductor HB288320A5 Datasheet HTML 45Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
HB288800/640/448/320/256/192/160/128/096/064/032A5
41
ATA Command specifications
This table summarizes the ATA command set with the paragraphs. Following shows the support commands
and command codes which are written in command registers.
ATA Command Set
No.
Command set
Code
FR
SC
SN
CY
DR
HD
LBA
1
Check power mode
E5H or 98H
Y
2
Execute drive diagnostic
90H
Y
3
Erase sector(s)
C0H
Y
Y
Y
Y
Y
Y
4
Format track
50H
Y
Y
Y
Y
Y
5
Identify Drive
ECH
Y
6
Idle
E3H or 97H
Y
Y
7
Idle immediate
E1H or 95H
Y
8
Initialize drive parameters
91H
Y
Y
Y
9
Read buffer
E4H
Y
10
Read multiple
C4H
Y
Y
Y
Y
Y
Y
11
Read long sector
22H, 23H
Y
Y
Y
Y
Y
12
Read sector (s)
20H, 21H
Y
Y
Y
Y
Y
Y
13
Read verify sector (s)
40H, 41H
Y
Y
Y
Y
Y
Y
14
Recalibrate
1XH
Y
15
Request sense
03H
Y
16
Seek
7XH
Y
Y
Y
Y
Y
17
Set features
EFH
Y
Y
18
Set multiple mode
C6H
Y
Y
19
Set sleep mode
E6H or 99H
Y
20
Stand by
E2H or 96H
Y
21
Stand by immediate
E0H or 94H
Y
22
Translate sector
87H
Y
Y
Y
Y
Y
Y
23
Wear level
F5H
Y
Y
24
Write buffer
E8H
Y
25
Write long sector
32H or 33H
Y
Y
Y
Y
Y
26
Write multiple
C5H
Y
Y
Y
Y
Y
Y
27
Write multiple w/o erase
CDH
Y
Y
Y
Y
Y
Y
28
Write sector
30H or 31H
Y
Y
Y
Y
Y
Y
29
Write sector(s) w/o erase
38H
Y
Y
Y
Y
Y
Y
30
Write verify
3CH
Y
Y
Y
Y
Y
Y


Similar Part No. - HB288320A5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288320A6 HITACHI-HB288320A6 Datasheet
169Kb / 66P
   FLASH ATA Card
More results

Similar Description - HB288320A5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB2881000A6 HITACHI-HB2881000A6 Datasheet
169Kb / 66P
   FLASH ATA Card
HB2881000A5 HITACHI-HB2881000A5 Datasheet
168Kb / 66P
   FLASH ATA Card 1 GByte
logo
List of Unclassifed Man...
AP-FD18A20B0001GR ETC2-AP-FD18A20B0001GR Datasheet
275Kb / 18P
   ATA Flash Drive ?
AP-FD18A20C0004GS-DTM ETC2-AP-FD18A20C0004GS-DTM Datasheet
189Kb / 18P
   ATA Flash Drive
AP-FD18B20B0016GS-TM ETC2-AP-FD18B20B0016GS-TM Datasheet
259Kb / 17P
   ATA Flash Drive 185M
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com