Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288096C6 Datasheet(PDF) 62 Page - Hitachi Semiconductor

Part # HB288096C6
Description  CompactFlash?
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288096C6 Datasheet(HTML) 62 Page - Hitachi Semiconductor

Back Button HB288096C6 Datasheet HTML 58Page - Hitachi Semiconductor HB288096C6 Datasheet HTML 59Page - Hitachi Semiconductor HB288096C6 Datasheet HTML 60Page - Hitachi Semiconductor HB288096C6 Datasheet HTML 61Page - Hitachi Semiconductor HB288096C6 Datasheet HTML 62Page - Hitachi Semiconductor HB288096C6 Datasheet HTML 63Page - Hitachi Semiconductor HB288096C6 Datasheet HTML 64Page - Hitachi Semiconductor HB288096C6 Datasheet HTML 65Page - Hitachi Semiconductor HB288096C6 Datasheet HTML 66Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 67 page
background image
HB288256/192/160/128/096/064/032C6
62
True IDE Mode Access Read AC Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
data delay after IORD
td(IORD)
100
ns
data hold following IORD
th(IORD)
0
ns
IORD width time
tw(IORD)
165
ns
address setup before IORD
tsuA(IORD)
70
ns
address hold following IORD
thA(IORD)
20
ns
CE setup before IORD
tsuCE(IORD)
5
ns
CE hold following IORD
thCE(IORD)
20
ns
IOIS16 delay falling from address
tdfIOIS16(ADR)
35
ns
IOIS16 delay rising from address
tdrIOIS16(ADR)
35
ns
True IDE Mode Access Read Timing
-IORD
A0 to A2
-CE2/-CE1
-IOIS16
Valid Output
D0 to D15
-IOWR: High Fix, -OE: Low Fix, -WE: High Fix, A3 to A10: GND
tsuA(IORD)
tsuCE(IORD)
thA(IORD)
thCE(IORD)
th(IORD)
tdrlOIS16(ADR)
tdflOIS16(ADR)
td(IORD)
tw(IORD)


Similar Part No. - HB288096C6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288096C5 HITACHI-HB288096C5 Datasheet
171Kb / 67P
   CompactFlash?
More results

Similar Description - HB288096C6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB289048C4 HITACHI-HB289048C4 Datasheet
192Kb / 66P
   CompactFlash?
HB288256C5 HITACHI-HB288256C5 Datasheet
171Kb / 67P
   CompactFlash?
HB28C048C6 HITACHI-HB28C048C6 Datasheet
168Kb / 66P
   CompactFlash?
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
logo
AAEON Technology
COMPACTFLASH AAEON-COMPACTFLASH Datasheet
626Kb / 1P
   CompactFlash??Specification Standard
logo
ITT Industries
CCM05-5791T30 ITT-CCM05-5791T30 Datasheet
313Kb / 4P
   CompactFlash Header
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
   Industrial CompactFlash
3-Jul-2013
logo
ALPS ELECTRIC CO.,LTD.
SCFB ALPS-SCFB Datasheet
395Kb / 5P
   Connector for CompactFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com