Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288064C5 Datasheet(PDF) 24 Page - Hitachi Semiconductor

Part # HB288064C5
Description  CompactFlash?
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288064C5 Datasheet(HTML) 24 Page - Hitachi Semiconductor

Back Button HB288064C5 Datasheet HTML 20Page - Hitachi Semiconductor HB288064C5 Datasheet HTML 21Page - Hitachi Semiconductor HB288064C5 Datasheet HTML 22Page - Hitachi Semiconductor HB288064C5 Datasheet HTML 23Page - Hitachi Semiconductor HB288064C5 Datasheet HTML 24Page - Hitachi Semiconductor HB288064C5 Datasheet HTML 25Page - Hitachi Semiconductor HB288064C5 Datasheet HTML 26Page - Hitachi Semiconductor HB288064C5 Datasheet HTML 27Page - Hitachi Semiconductor HB288064C5 Datasheet HTML 28Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
HB288256/192/160/128/096/064/032C5
24
Address Data 7
6
5
43210
Description of contents
CIS function
0A6H
1BH
CISTPL_CFTABLE_ENTRY
Configuration table entry
tuple
Tuple code
0A8H
0AH
TPL_LINK
Link length is 10 bytes
Link to next tuple
0AAH
C1H I
D Configuration INDEX
Contiguous I/O mapped ATA
registers configuration
I = 1: Interface byte follows
D = 1: Default entry
Configuration index = 1
Configuration table index
byte TPCE_INDX
0ACH
41H
W
R P
B Interface type
W = 0: Wait not used
R = 1: Ready active
P = 0: WP not used
B = 0: BVS1 and BVD2 not
used
IF type = 1: I/O interface
Interface description field
TPCE_IF
0AEH
99H
M
MS
IR IO T
P
M = 1: Misc info present
MS = 00: No memory space
info
IR = 1: Interrupt info present
IO = 1: I/O port info present
T = 0: No timing info present
P = 1: V
CC only info
Feature selection byte
TPCE_FS
0B0H
01H
R
DI PI AI SI HV LV NV
Nominal voltage only follows
R: Reserved
DI: Power down Current info
PI: Peak current info
AI: Average current info
SI: Static current info
HV: Max voltage info
LV: Min voltage info
NV: Nominal voltage info
Power parameters for V
CC
0B2H
55H
X
Mantissa
Exponent
Nominal voltage = 5 V
V
CC nominal value
0B4H
64H
R
S E
IO AddrLine
S = 1: 16-bit hosts supported
E = 1: 8-bit hosts supported
IO AddrLine: 4 lines decoded
I/O space description field
TPCE_IO
0B6H
F0H
S
P L
M V B I
N
S = 1: Share logic active
P = 1: Pulse mode IRQ
supported
L = 1: Level mode IRQ
supported
M = 1: Bit mask of IRQs
present
V = 0: No vender unique IRQ
B = 0: No bus error IRQ
I = 0: No IO check IRQ
N = 0: No NMI
Interrupt request description
structure
TPCE_IR


Similar Part No. - HB288064C5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288064C6 HITACHI-HB288064C6 Datasheet
170Kb / 67P
   CompactFlash?
More results

Similar Description - HB288064C5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB289048C4 HITACHI-HB289048C4 Datasheet
192Kb / 66P
   CompactFlash?
HB288256C6 HITACHI-HB288256C6 Datasheet
170Kb / 67P
   CompactFlash?
HB28C048C6 HITACHI-HB28C048C6 Datasheet
168Kb / 66P
   CompactFlash?
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
logo
AAEON Technology
COMPACTFLASH AAEON-COMPACTFLASH Datasheet
626Kb / 1P
   CompactFlash??Specification Standard
logo
ITT Industries
CCM05-5791T30 ITT-CCM05-5791T30 Datasheet
313Kb / 4P
   CompactFlash Header
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
   Industrial CompactFlash
3-Jul-2013
logo
ALPS ELECTRIC CO.,LTD.
SCFB ALPS-SCFB Datasheet
395Kb / 5P
   Connector for CompactFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com