Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB289048C4 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HB289048C4
Description  CompactFlash?
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB289048C4 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HB289048C4 Datasheet HTML 1Page - Hitachi Semiconductor HB289048C4 Datasheet HTML 2Page - Hitachi Semiconductor HB289048C4 Datasheet HTML 3Page - Hitachi Semiconductor HB289048C4 Datasheet HTML 4Page - Hitachi Semiconductor HB289048C4 Datasheet HTML 5Page - Hitachi Semiconductor HB289048C4 Datasheet HTML 6Page - Hitachi Semiconductor HB289048C4 Datasheet HTML 7Page - Hitachi Semiconductor HB289048C4 Datasheet HTML 8Page - Hitachi Semiconductor HB289048C4 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
HB289048C4/289032C4/289016C4/289008C4
5
Card Pin Explanation
Signal name
Direction Pin No.
Description
A10 to A0
(PC Card Memory mode)
I
8, 10, 11, 12, 14,
15, 16, 17, 18,
19, 20
Address bus is A10 to A0. A10 is MSB and A0 is
LSB.
A10 to A0
(PC Card I/O mode)
A2 to A0
(True IDE mode)
18, 19, 20
Address bus is A10 to A0. Only A2 to A0 are used,
the remaining address lines should be grounded by
the host.
BVD1
(PC Card Memory mode)
I/O
46
BVD1 outputs the battery voltage status in the card.
This output line is constantly driven to a high state
since a battery is not required for this product.
-STSCHG
(PC Card I/O mode)
-STSCHG is used for changing the status of
Configuration and status register in attribute area.
-PDIAG
(True IDE mode)
-PDIAG is the Pass Diagnostic signal in Master/Slave
handshake protocol.
BVD2
(PC Card Memory mode)
I/O
45
BVD2 outputs the battery voltage status in the card.
This output line is constantly driven to a high state
since a battery is not required for this product.
-SPKR
(PC Card I/O mode)
-SPKR outputs speaker signals. This output line is
constantly driven to a high state since this product
does not support the audio function.
-DASP
(True IDE mode)
-DASP is the Disk Active/Slave Present signal in the
Master/Slave handshake protocol.
-CD1, -CD2
(PC Card Memory mode)
O
26, 25
-CD1 and -CD2 are the card detection signals. -CD1
and -CD2 are connected to ground in this card, so
host can detect that the card is inserted or not.
-CD1, -CD2
(PC Card I/O mode)
-CD1, -CD2
(True IDE mode)
-CE1, -CE2
(PC Card Memory mode)
Card Enable
I
7, 32
-CE1 and -CE2 are low active card select signals.
Byte/Word/Odd byte mode are defined by combination
of -CE1, -CE2 and A0.
-CE1, -CE2
(PC Card I/O mode)
Card Enable
-CE1, -CE2
(True IDE mode)
-CE2 is used for select the Alternate Status Register
and the Device Control Register while -CE1 is the chip
select for the other task file registers.


Similar Part No. - HB289048C4

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HB28-1-A++ SLPOWER-HB28-1-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
HB28-1-A+G SLPOWER-HB28-1-A+G Datasheet
374Kb / 7P
   DC Power Supplies
logo
Power-One
HB28-1-AG POWER-ONE-HB28-1-AG Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
logo
Hitachi Semiconductor
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
HB288032A5 HITACHI-HB288032A5 Datasheet
170Kb / 66P
   FLASH ATA Card
More results

Similar Description - HB289048C4

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288256C5 HITACHI-HB288256C5 Datasheet
171Kb / 67P
   CompactFlash?
HB288256C6 HITACHI-HB288256C6 Datasheet
170Kb / 67P
   CompactFlash?
HB28C048C6 HITACHI-HB28C048C6 Datasheet
168Kb / 66P
   CompactFlash?
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
logo
AAEON Technology
COMPACTFLASH AAEON-COMPACTFLASH Datasheet
626Kb / 1P
   CompactFlash??Specification Standard
logo
ITT Industries
CCM05-5791T30 ITT-CCM05-5791T30 Datasheet
313Kb / 4P
   CompactFlash Header
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
   Industrial CompactFlash
3-Jul-2013
logo
ALPS ELECTRIC CO.,LTD.
SCFB ALPS-SCFB Datasheet
395Kb / 5P
   Connector for CompactFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com