Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF2112H2 Datasheet(PDF) 8 Page - Silikron Semiconductor Co.,LTD.

Part # SSF2112H2
Description  Advanced trench MOSFET process technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2112H2 Datasheet(HTML) 8 Page - Silikron Semiconductor Co.,LTD.

  SSF2112H2 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF2112H2 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF2112H2 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF2112H2 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF2112H2 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF2112H2 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF2112H2 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF2112H2 Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
                                
SSF2112H2 
©Silikron Semiconductor CO.,LTD.
2011.09.19
Version : 1.0
page 8 of 8
www.silikron.com
 
ATTENTION:
Any and all Silikron products described or contained herein do not have specifications that can handle applications
that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other
applications whose failure can be reasonably expected to result in serious physical and/or material damage.
Consult with your Silikron representative nearest you before using any Silikron products described or contained
herein in such applications.
Silikron assumes no responsibility for equipment failures that result from using products at values that exceed,
even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed
in products specifications of any and all Silikron products described or contained herein.
Specifications of any and all Silikron products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees of the
performance, characteristics, and functions of the described products as mounted in the customer’s products or
equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer
should always evaluate and test devices mounted in the customer’s products or equipment.
Silikron Semiconductor CO.,LTD. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to
accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause
damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or
events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for
safe design, redundant design, and structural design.
In the event that any or all Silikron products(including technical data, services) described or contained herein are
controlled under any of applicable local export control laws and regulations, such products must not be exported
without obtaining the export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical,
including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior
written permission of Silikron Semiconductor CO.,LTD.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for
volume production. Silikron believes information herein is accurate and reliable, but no guarantees are made or
implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
Silikron product that you intend to use.
This catalog provides information as of Dec, 2008. Specifications and information herein are subject to change
without notice.
Customer Service
Worldwide Sales and Service:
Sales@silikron.com
Technical Support:
Technical@silikron.com
Suzhou Silikron Semiconductor Corp.
Building 11A Suchun Industrial Square, 428# Xinglong Street, Suzhou P.R. China  
TEL:
(86-512) 62560688
FAX:
(86-512) 65160705
E-mail:
Sales@silikron.com


Similar Part No. - SSF2112H2

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2112H2 GOOD-ARK-SSF2112H2 Datasheet
817Kb / 7P
   20V Dual N-Channel MOSFET
SSF2112H2 GOOD-ARK-SSF2112H2_15 Datasheet
811Kb / 7P
   20V Dual N-Channel MOSFET
More results

Similar Description - SSF2112H2

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1020D SILIKRON-SSF1020D Datasheet
690Kb / 8P
   Advanced trench MOSFET process technology
SSF6908 SILIKRON-SSF6908 Datasheet
858Kb / 8P
   Advanced trench MOSFET process technology
SSF8509 SILIKRON-SSF8509 Datasheet
356Kb / 8P
   Advanced trench MOSFET process technology
SSF1109 SILIKRON-SSF1109 Datasheet
365Kb / 8P
   Advanced trench MOSFET process technology
SSF1526 SILIKRON-SSF1526 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSF1530 SILIKRON-SSF1530 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSFT3904U SILIKRON-SSFT3904U Datasheet
724Kb / 8P
   Advanced trench MOSFET process technology
SSF6014J8 SILIKRON-SSF6014J8 Datasheet
810Kb / 8P
   Advanced trench MOSFET process technology
SSF7509A SILIKRON-SSF7509A Datasheet
401Kb / 8P
   Advanced trench MOSFET process technology
SSF1090A SILIKRON-SSF1090A Datasheet
721Kb / 8P
   Advanced trench MOSFET process technology
SSF7N60F SILIKRON-SSF7N60F Datasheet
528Kb / 8P
   Advanced trench MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com