Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ40A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMCJ40A
Description  Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMCJ40A Datasheet(HTML) 1 Page - Micro Commercial Components

  SMCJ40A Datasheet HTML 1Page - Micro Commercial Components SMCJ40A Datasheet HTML 2Page - Micro Commercial Components SMCJ40A Datasheet HTML 3Page - Micro Commercial Components SMCJ40A Datasheet HTML 4Page - Micro Commercial Components SMCJ40A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Mechanical Data
Terminals: solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes positive end( cathode) except
Bi-directional types.
Standard packaging: 16mm tape per ( EIA 481).
Weight: 0.007 ounce, 0.21 gram
Maximum Ratings @ 25
oC Unless Otherwise Specified
Peak Pulse Current on
10/1000us
waveform(Note
2, Fig4)
IPPM
See Table 1 Amps
Peak Pulse Power
Disspation on 10/1000us
waveform(Note
2,3,Fig1)
PPPM
Minimum
1500
Watts
Operation And Storage
Temperature Range
TJ,
TSTG
-55
oC to
+1
75oC
2. Non-repetitive current pulse per Fig.3 and derated above TA=25
oC per Fig.2.
3. Mounted on 8.0mm
2 copper pads to each terminal.
SMCJ5.0(C)A
THRU
SMCJ440(C)A
Transient
Voltage Suppressor
5.0 to 440 Volts
1500 Watt
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.103
2.00
2.62
B
.108
.128
2.75
3.25
C
.002
.008
0.051
0.203
D
.006
.012
0.152
0.305
E
.030
.060
0.76
1.52
F
..305
.320
7.75
8.13
G
.260
.280
6.60
7.11
H
.220
.245
5.59
6.22
0.070”
0.190
0.125”
SUGGESTED SOLDER
PAD LAYOUT
G
H
E
D
F
A
B
C
DO-214AB
(SMC) (LEAD FRAME)
20736 Marilla Street Chatsworth

 !"#
$%   !"#
Revision :
F
20
14/03/07
For surface mount application in order to optimize board space
Built-in strain relief
Glass passivated junction
Typical ID less than 1uA above 10V
High temperature soldering: 260
oC/10 seconds at terminals
Plastic package has Underwrites Laboratory Flammability
UL Recognized File # E331408
Micro Commercial Components
www.mccsemi.com
1 of 5
MCC
TM
Micro Commercial Components
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note
s: 1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
4. Unidirectional and bidirectional available,for bidirectional devices add 'C' suffix to the pn#, i.e.SMCJ5.0CA
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - SMCJ40A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ40A MCC-SMCJ40A Datasheet
232Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
SHIKUES Electronics
SMCJ40A SKTECHNOLGY-SMCJ40A Datasheet
1Mb / 4P
   Rating to 200C VBR
logo
Dc Components
SMCJ40A DCCOM-SMCJ40A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMCJ40A JUXING-SMCJ40A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMCJ40A VISHAY-SMCJ40A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
More results

Similar Description - SMCJ40A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ26CA-TP MCC-SMCJ26CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24CA-TP MCC-SMCJ24CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ28CA-TP MCC-SMCJ28CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ33CA-TP MCC-SMCJ33CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ170CA-TP MCC-SMCJ170CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24A-TP MCC-SMCJ24A-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ48-TP MCC-SMCJ48-TP Datasheet
250Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ30A-TP MCC-SMCJ30A-TP Datasheet
250Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ5.0 MCC-SMCJ5.0_11 Datasheet
232Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com