Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288800A5 Datasheet(PDF) 37 Page - Hitachi Semiconductor

Part # HB288800A5
Description  FLASH ATA Card
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288800A5 Datasheet(HTML) 37 Page - Hitachi Semiconductor

Back Button HB288800A5 Datasheet HTML 33Page - Hitachi Semiconductor HB288800A5 Datasheet HTML 34Page - Hitachi Semiconductor HB288800A5 Datasheet HTML 35Page - Hitachi Semiconductor HB288800A5 Datasheet HTML 36Page - Hitachi Semiconductor HB288800A5 Datasheet HTML 37Page - Hitachi Semiconductor HB288800A5 Datasheet HTML 38Page - Hitachi Semiconductor HB288800A5 Datasheet HTML 39Page - Hitachi Semiconductor HB288800A5 Datasheet HTML 40Page - Hitachi Semiconductor HB288800A5 Datasheet HTML 41Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
HB288800/640/448/320/256/192/160/128/096/064/032A5
37
5. Sector number register: This register contains the starting sector number which is started by following
sector transfer command.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Sector number byte
6. Cylinder low register: This register contains the low 8-bit of the starting cylinder address which is
started by following sector transfer command.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Cylinder low byte
7. Cylinder high register: This register contains the high 8-bit of the starting cylinder address which is
started by following sector transfer command.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Cylinder high byte
8. Drive head register: This register is used for selecting the Drive number and Head number for the
following command.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
1
LBA
1
DRV
Head number
bit
Name
Function
7
1
This bit is set to "1".
6
LBA
LBA is a flag to select either Cylinder / Head / Sector (CHS) or
Logical Block Address (LBA) mode. When LBA=0, CHS mode is
selected. When LBA=1, LBA mode is selected. In LBA mode, the
Logical Block Address is interrupted as follows:
LBA07-LBA00 : Sector Number Register D7-D0.
LBA15-LBA08 : Cylinder Low Register D7-D0.
LBA23-LBA16 : Cylinder High Register D7-D0.
LBA27-LBA24 : Drive / Head Register bits HS3-HS0.
5
1
This bit is set to "1".
4
DRV (DRiVe select)
This bit is used for selecting the Master (Card 0) and Slave (Card 1)
in Master/Slave organization. The card is set to be Card 0 or 1 by
using DRV# of the Socket and Copy register.
3 to 0 Head number
This bit is used for selecting the Head number for the following
command. Bit 3 is MSB.


Similar Part No. - HB288800A5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288800A6 HITACHI-HB288800A6 Datasheet
169Kb / 66P
   FLASH ATA Card
More results

Similar Description - HB288800A5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB2881000A6 HITACHI-HB2881000A6 Datasheet
169Kb / 66P
   FLASH ATA Card
HB2881000A5 HITACHI-HB2881000A5 Datasheet
168Kb / 66P
   FLASH ATA Card 1 GByte
logo
List of Unclassifed Man...
AP-FD18A20B0001GR ETC2-AP-FD18A20B0001GR Datasheet
275Kb / 18P
   ATA Flash Drive ?
AP-FD18A20C0004GS-DTM ETC2-AP-FD18A20C0004GS-DTM Datasheet
189Kb / 18P
   ATA Flash Drive
AP-FD18B20B0016GS-TM ETC2-AP-FD18B20B0016GS-TM Datasheet
259Kb / 17P
   ATA Flash Drive 185M
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com