Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HB288800A5 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. HB288800A5
Description  FLASH ATA Card
Download  66 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HB288800A5 Datasheet(HTML) 2 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
HB288800/640/448/320/256/192/160/128/096/064/032A5
2
• Card density is 800 Mega bytes maximum
 This card is equipped Hitachi 256 Mega bit Flash memory
• 3 variations of mode access
 Memory card mode
 I/O card mode
 True IDE mode
• Internal self-diagnostic program operates at V
CC power on
• High reliability based on internal ECC (Error Correcting Code) function
• Data write is 300,000 cycles
• Data reliability is 1 error in 10–14 bits read.
• Auto Sleep Function
Card Line Up*
1
Type No.
Card density Capacity*
4
Total sectors/
card*
3
Sectors/
track*
2
Number of
head
Number of
cylinder
HB288800A5
800 MB
800,980,992 byte 1,564,416
63
16
1552
HB288640A5
640 MB
640,475,136 byte 1,250,928
63
16
1241
HB288448A5
448 MB
448,519,680 byte 876,015
63
15
927
HB288320A5
320 MB
320,409,600 byte 625,800
56
15
745
HB288256A5
256 MB
256,204,800 byte 500,400
48
15
695
HB288192A5
192 MB
192,184,320 byte 375,360
32
15
782
HB288160A5
160 MB
160,235,520 byte 312,960
32
10
978
HB288128A5
128 MB
128,188,416 byte 250,368
32
8
978
HB288096A5
96 MB
95,944,704 byte
187,392
32
8
732
HB288064A5
64 MB
64,094,208 byte
125,184
32
4
978
HB288032A5
32 MB
32,047,104 byte
62,592
32
4
489
Notes: 1. These data are written in ID.
2. Total tracks = number of head
× number of cylinder.
3. Total sectors/card = sectors/track
× number of head × number of cylinder.
4. It is the logical address capacity including the area which is used for file system.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HB2881000A5FLASH ATA Card 1 GByte 1 2 3 4 5 MoreHitachi Semiconductor
HB2881000A6FLASH ATA Card 1 2 3 4 5 MoreHitachi Semiconductor
HB28C048A6FLASH ATA Card 1 2 3 4 5 MoreHitachi Semiconductor
GL641USBUSB ATA/ATAPI/ COMPACT FLASH CARD CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TC6374AFPC Card ATA to SD Memory Card MultiMediaCard and SmartMedia-TM Controller 1 2 3 4 5 MoreToshiba Semiconductor
ID245E014MB Flash Memory Card 1 2 3 4 5 MoreSharp Electrionic Components
AMMC0XXA2 4 or 8 Megabyte 5.0 Volt-only Flash Miniature Card 1 2 3 4 5 MoreAdvanced Micro Devices
USB22274TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS 1 2 3 4 5 MoreSMSC Corporation
EMTCG176-3G176KB Flash Smart Card IC + Cryptography Engine 1 2 3 EM Microelectronic - MARIN SA
ID245G018MB Flash Memory Card 1 2 3 4 5 MoreSharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn