Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288192C6 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HB288192C6
Description  CompactFlash?
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288192C6 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HB288192C6 Datasheet HTML 2Page - Hitachi Semiconductor HB288192C6 Datasheet HTML 3Page - Hitachi Semiconductor HB288192C6 Datasheet HTML 4Page - Hitachi Semiconductor HB288192C6 Datasheet HTML 5Page - Hitachi Semiconductor HB288192C6 Datasheet HTML 6Page - Hitachi Semiconductor HB288192C6 Datasheet HTML 7Page - Hitachi Semiconductor HB288192C6 Datasheet HTML 8Page - Hitachi Semiconductor HB288192C6 Datasheet HTML 9Page - Hitachi Semiconductor HB288192C6 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
HB288256/192/160/128/096/064/032C6
6
Signal name
Direction Pin No.
Description
-CSEL
(PC Card Memory mode)
I
39
This signal is not used.
-CSEL
(PC Card I/O mode)
-CSEL
(True IDE mode)
This signal is used to configure this device as a
Master or a Slave when configured in the True IDE
mode. When this pin is grounded, this device is
configured as a Master. When the pin is open, this
device is configured as a Slave.
D15 to D0
(PC Card Memory mode)
I/O
31, 30, 29, 28,
27, 49, 48, 47, 6,
5, 4, 3, 2, 23, 22,
21
Data bus is D15 to D0. D0 is the LSB of the even byte
of the word. D8 is the LSB of the odd byte of the
word.
D15 to D0
(PC Card I/O mode)
D15 to D0
(True IDE mode)
GND
(PC Card Memory mode)
1, 50
Ground
GND
(PC Card I/O mode)
GND
(True IDE mode)
-INPACK
(PC Card Memory mode)
O
43
This signal is not used and should not be connected
at the host.
-INPACK
(PC Card I/O mode)
Input Acknowledge
This signal is asserted low by this card when the card
is selected and responding to an I/O read cycle at the
address that is on the address bus during -CE and
-IORD are low. This signal is used for the input data
buffer control.
-INPACK
(True IDE mode)
This signal is not used and should not be connected
at the host.
-IORD
(PC Card Memory mode)
I
34
This signal is not used.
-IORD
(PC Card I/O mode)
-IORD is used for control of read data in I/O task file
area. This card does not respond to -IORD until I/O
card interface setting up.
-IORD
(True IDE mode)
-IORD is used for control of read data in I/O task file
area. This card does not respond to -IORD until True
IDE interface setting up.


Similar Part No. - HB288192C6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288192C5 HITACHI-HB288192C5 Datasheet
171Kb / 67P
   CompactFlash?
More results

Similar Description - HB288192C6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB289048C4 HITACHI-HB289048C4 Datasheet
192Kb / 66P
   CompactFlash?
HB288256C5 HITACHI-HB288256C5 Datasheet
171Kb / 67P
   CompactFlash?
HB28C048C6 HITACHI-HB28C048C6 Datasheet
168Kb / 66P
   CompactFlash?
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
logo
AAEON Technology
COMPACTFLASH AAEON-COMPACTFLASH Datasheet
626Kb / 1P
   CompactFlash??Specification Standard
logo
ITT Industries
CCM05-5791T30 ITT-CCM05-5791T30 Datasheet
313Kb / 4P
   CompactFlash Header
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
   Industrial CompactFlash
3-Jul-2013
logo
ALPS ELECTRIC CO.,LTD.
SCFB ALPS-SCFB Datasheet
395Kb / 5P
   Connector for CompactFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com