Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB288256C5 Datasheet(PDF) 12 Page - Hitachi Semiconductor

Part # HB288256C5
Description  CompactFlash?
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB288256C5 Datasheet(HTML) 12 Page - Hitachi Semiconductor

Back Button HB288256C5 Datasheet HTML 8Page - Hitachi Semiconductor HB288256C5 Datasheet HTML 9Page - Hitachi Semiconductor HB288256C5 Datasheet HTML 10Page - Hitachi Semiconductor HB288256C5 Datasheet HTML 11Page - Hitachi Semiconductor HB288256C5 Datasheet HTML 12Page - Hitachi Semiconductor HB288256C5 Datasheet HTML 13Page - Hitachi Semiconductor HB288256C5 Datasheet HTML 14Page - Hitachi Semiconductor HB288256C5 Datasheet HTML 15Page - Hitachi Semiconductor HB288256C5 Datasheet HTML 16Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
HB288256/192/160/128/096/064/032C5
12
Host access specifications
1. Attribute access specifications
When CIS-ROM region or Configuration register region is accessed, read and write operations are executed
under the condition of -REG = "L" as follows. That region can be accessed by Byte/Word/Odd-byte modes
which are defined by PC card standard specifications.
Attribute Read Access Mode
Mode
-REG
-CE2
-CE1
A0
-OE
-WE
D8 to D15
D0 to D7
Standby mode
×
HH
×××
High-Z
High-Z
Byte access (8-bit)
L
H
LLLH
High-Z
even byte
L
H
L
H
L
H
High-Z
invalid
Word access (16-bit)
L
L
L
×
L
H
invalid
even byte
Odd byte access (8-bit)
L
L
H
×
L
H
invalid
High-Z
Note:
×: L or H
Attribute Write Access Mode
Mode
-REG
-CE2
-CE1
A0
-OE
-WE
D8 to D15
D0 to D7
Standby mode
×
HH
×××
Don’t care
Don’t care
Byte access (8-bit)
L
H
L
L
H
L
Don’t care
even byte
L
H
L
H
H
L
Don’t care
Don’t care
Word access (16-bit)
L
L
L
×
H
L
Don’t care
even byte
Odd byte access (8-bit)
L
L
H
×
H
L
Don’t care
Don’t care
Note:
×: L or H
Attribute Access Timing Example
Dout
A0 to A10
-REG
-CE2/-CE1
-OE
-WE
D0 to D15
read cycle
write cycle
Din


Similar Part No. - HB288256C5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288256C6 HITACHI-HB288256C6 Datasheet
170Kb / 67P
   CompactFlash?
More results

Similar Description - HB288256C5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB289048C4 HITACHI-HB289048C4 Datasheet
192Kb / 66P
   CompactFlash?
HB288256C6 HITACHI-HB288256C6 Datasheet
170Kb / 67P
   CompactFlash?
HB28C048C6 HITACHI-HB28C048C6 Datasheet
168Kb / 66P
   CompactFlash?
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
logo
AAEON Technology
COMPACTFLASH AAEON-COMPACTFLASH Datasheet
626Kb / 1P
   CompactFlash??Specification Standard
logo
ITT Industries
CCM05-5791T30 ITT-CCM05-5791T30 Datasheet
313Kb / 4P
   CompactFlash Header
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
   Industrial CompactFlash
3-Jul-2013
logo
ALPS ELECTRIC CO.,LTD.
SCFB ALPS-SCFB Datasheet
395Kb / 5P
   Connector for CompactFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com