Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HB2881000A6 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. HB2881000A6
Description  FLASH ATA Card
Download  66 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HB2881000A6 Datasheet(HTML) 2 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
HB2881000/800/640/448/320/256/192/160/128/096/064/032A6
2
• Card density is 1 Giga bytes maximum
 This card is equipped Hitachi 256 Mega bit Flash memory
• 3 variations of mode access
 Memory card mode
 I/O card mode
 True IDE mode
• Internal self-diagnostic program operates at V
CC power on
• High reliability based on internal ECC (Error Correcting Code) function
• Data write is 300,000 cycles
• Data reliability is 1 error in 10–14 bits read.
• Auto Sleep Function
Card Line Up*
1
Type No.
Card density Capacity*
4
Total sectors/
card*
3
Sectors/
track*
2
Number of
head
Number of
cylinder
HB2881000A6
1 GB
1,025,482,752 byte
2,002,896
63
16
1987
HB288800A6
800 MB
800,980,992 byte
1,564,416
63
16
1552
HB288640A6
640 MB
640,475,136 byte
1,250,928
63
16
1241
HB288448A6
448 MB
448,519,680 byte
876,015
63
15
927
HB288320A6
320 MB
320,409,600 byte
625,800
56
15
745
HB288256A6
256 MB
256,204,800 byte
500,400
48
15
695
HB288192A6
192 MB
192,184,320 byte
375,360
32
15
782
HB288160A6
160 MB
160,235,520 byte
312,960
32
10
978
HB288128A6
128 MB
128,188,416 byte
250,368
32
8
978
HB288096A6
96 MB
95,944,704 byte
187,392
32
8
732
HB288064A6
64 MB
64,094,208 byte
125,184
32
4
978
HB288032A6
32 MB
32,047,104 byte
62,592
32
4
489
Notes: 1. These data are written in ID.
2. Total tracks = number of head
× number of cylinder.
3. Total sectors/card = sectors/track
× number of head × number of cylinder.
4. It is the logical address capacity including the area which is used for file system.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HB2881000A5FLASH ATA Card 1 GByte 1 2 3 4 5 MoreHitachi Semiconductor
HB288800A5FLASH ATA Card 1 2 3 4 5 MoreHitachi Semiconductor
HB28C048A6FLASH ATA Card 1 2 3 4 5 MoreHitachi Semiconductor
GL641USBUSB ATA/ATAPI/ COMPACT FLASH CARD CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TC6374AFPC Card ATA to SD Memory Card MultiMediaCard and SmartMedia-TM Controller 1 2 3 4 5 MoreToshiba Semiconductor
ID245E014MB Flash Memory Card 1 2 3 4 5 MoreSharp Electrionic Components
AMMC0XXA2 4 or 8 Megabyte 5.0 Volt-only Flash Miniature Card 1 2 3 4 5 MoreAdvanced Micro Devices
USB22274TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS 1 2 3 4 5 MoreSMSC Corporation
EMTCG176-3G176KB Flash Smart Card IC + Cryptography Engine 1 2 3 EM Microelectronic - MARIN SA
ID245G018MB Flash Memory Card 1 2 3 4 5 MoreSharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn