Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HB2881000A6 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HB2881000A6
Description  FLASH ATA Card
Download  66 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HB2881000A6 Datasheet(HTML) 5 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
HB2881000/800/640/448/320/256/192/160/128/096/064/032A6
5
Card Pin Explanation
Signal name
Direction Pin No.
Description
A10 to A0
(PC Card Memory mode)
I
8, 11, 12, 22, 23,
24, 25, 26, 27,
28, 29
Address bus is A10 to A0. A10 is MSB and A0 is
LSB.
A10 to A0
(PC Card I/O mode)
A2 to A0
(True IDE mode)
27, 28, 29
Address bus is A10 to A0. Only A2 to A0 are used,
A10 to A3 should be grounded by the host.
BVD1
(PC Card Memory mode)
I/O
63
BVD1 outputs the battery voltage status in the card.
This output line is constantly driven to a high state
since a battery is not required for this product.
-STSCHG
(PC Card I/O mode)
-STSCHG is used for changing the status of
Configuration and status register in attribute area.
-PDIAG
(True IDE mode)
-PDIAG is the Pass Diagnostic signal in Master/Slave
handshake protocol.
BVD2
(PC Card Memory mode)
I/O
62
BVD2 outputs the battery voltage status in the card.
This output line is constantly driven to a high state
since a battery is not required for this product.
-SPKR
(PC Card I/O mode)
-SPKR outputs speaker signals. This output line is
constantly driven to a high state since this product
does not support the audio function.
-DASP
(True IDE mode)
-DASP is the Disk Active/Slave Present signal in the
Master/Slave handshake protocol.
-CD1, -CD2
(PC Card Memory mode)
O
36, 67
-CD1 and -CD2 are the card detection signals. -CD1
and -CD2 are connected to ground in this card, so
host can detect that the card is inserted or not.
-CD1, -CD2
(PC Card I/O mode)
-CD1, -CD2
(True IDE mode)
-CE1, -CE2
(PC Card Memory mode)
Card Enable
I
7, 42
-CE1 and -CE2 are low active card select signals.
Byte/Word/Odd byte mode are defined by combination
of -CE1, -CE2 and A0.
-CE1, -CE2
(PC Card I/O mode)
Card Enable
-CE1, -CE2
(True IDE mode)
-CE2 is used for select the Alternate Status Register
and the Device Control Register while -CE1 is the chip
select for the other task file registers.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HB2881000A5FLASH ATA Card 1 GByte 1 2 3 4 5 MoreHitachi Semiconductor
HB288800A5FLASH ATA Card 1 2 3 4 5 MoreHitachi Semiconductor
HB28C048A6FLASH ATA Card 1 2 3 4 5 MoreHitachi Semiconductor
GL641USBUSB ATA/ATAPI/ COMPACT FLASH CARD CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TC6374AFPC Card ATA to SD Memory Card MultiMediaCard and SmartMedia-TM Controller 1 2 3 4 5 MoreToshiba Semiconductor
ID245E014MB Flash Memory Card 1 2 3 4 5 MoreSharp Electrionic Components
AMMC0XXA2 4 or 8 Megabyte 5.0 Volt-only Flash Miniature Card 1 2 3 4 5 MoreAdvanced Micro Devices
USB22274TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS 1 2 3 4 5 MoreSMSC Corporation
EMTCG176-3G176KB Flash Smart Card IC + Cryptography Engine 1 2 3 EM Microelectronic - MARIN SA
ID245G018MB Flash Memory Card 1 2 3 4 5 MoreSharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn