Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB2881000A5 Datasheet(PDF) 39 Page - Hitachi Semiconductor

Part # HB2881000A5
Description  FLASH ATA Card 1 GByte
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB2881000A5 Datasheet(HTML) 39 Page - Hitachi Semiconductor

Back Button HB2881000A5 Datasheet HTML 35Page - Hitachi Semiconductor HB2881000A5 Datasheet HTML 36Page - Hitachi Semiconductor HB2881000A5 Datasheet HTML 37Page - Hitachi Semiconductor HB2881000A5 Datasheet HTML 38Page - Hitachi Semiconductor HB2881000A5 Datasheet HTML 39Page - Hitachi Semiconductor HB2881000A5 Datasheet HTML 40Page - Hitachi Semiconductor HB2881000A5 Datasheet HTML 41Page - Hitachi Semiconductor HB2881000A5 Datasheet HTML 42Page - Hitachi Semiconductor HB2881000A5 Datasheet HTML 43Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
HB2881000A5
39
Used parameter
Command
Command code
FR
SC
SN
CY
DR
HD
LBA
Check power mode
E5H or 98H
N
N
N
N
Y
N
N
Execute drive diagnostic
90H
N
N
N
N
Y
N
N
Erase sector
C0H
N
Y
Y
Y
Y
Y
Y
Format track
50H
N
Y
N
Y
Y
Y
Y
Identify Drive
ECH
N
N
N
N
Y
N
N
Idle
E3H or 97H
N
Y
N
N
Y
N
N
Idle immediate
E1H or 95H
N
N
N
N
Y
N
N
Initialize drive parameters
91H
N
Y
N
N
Y
Y
N
Read buffer
E4H
N
N
N
N
Y
N
N
Read multiple
C4H
N
Y
Y
Y
Y
Y
Y
Read long sector
22H or 23H
N
N
Y
Y
Y
Y
Y
Read sector
20H or 21H
N
Y
Y
Y
Y
Y
Y
Read verify sector
40H or 41H
N
Y
Y
Y
Y
Y
Y
Recalibrate
1XH
N
N
N
N
Y
N
N
Request sense
03H
N
N
N
N
Y
N
N
Seek
7XH
N
N
Y
Y
Y
Y
Y
Set features
EFH
Y
N
N
N
Y
N
N
Set multiple mode
C6H
N
Y
N
N
Y
N
N
Set sleep mode
E6H or 99H
N
N
N
N
Y
N
N
Stand by
E2H or 96H
N
N
N
N
Y
N
N
Stand by immediate
E0H or 94H
N
N
N
N
Y
N
N
Translate sector
87H
N
Y
Y
Y
Y
Y
Y
Wear level
F5H
N
N
N
N
Y
Y
N
Write buffer
E8H
N
N
N
N
Y
N
N
Write long sector
32H or 33H
N
N
Y
Y
Y
Y
Y
Write multiple
C5H
N
Y
Y
Y
Y
Y
Y
Write multiple w/o erase
CDH
N
Y
Y
Y
Y
Y
Y
Write sector
30H or 31H
N
Y
Y
Y
Y
Y
Y
Write sector w/o erase
38H
N
Y
Y
Y
Y
Y
Y
Write verify
3CH
N
Y
Y
Y
Y
Y
Y


Similar Part No. - HB2881000A5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB2881000A6 HITACHI-HB2881000A6 Datasheet
169Kb / 66P
   FLASH ATA Card
More results

Similar Description - HB2881000A5

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND08GAH0A NUMONYX-NAND08GAH0A Datasheet
2Mb / 116P
   1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB2881000A6 HITACHI-HB2881000A6 Datasheet
169Kb / 66P
   FLASH ATA Card
HB288800A5 HITACHI-HB288800A5 Datasheet
170Kb / 66P
   FLASH ATA Card
logo
List of Unclassifed Man...
AP-FD18A20B0001GR ETC2-AP-FD18A20B0001GR Datasheet
275Kb / 18P
   ATA Flash Drive ?
AP-FD18A20C0004GS-DTM ETC2-AP-FD18A20C0004GS-DTM Datasheet
189Kb / 18P
   ATA Flash Drive
AP-FD18B20B0016GS-TM ETC2-AP-FD18B20B0016GS-TM Datasheet
259Kb / 17P
   ATA Flash Drive 185M
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com