Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HB2881000A5 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HB2881000A5
Description  FLASH ATA Card 1 GByte
Download  66 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HB2881000A5 Datasheet(HTML) 1 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Preliminary: The specifications of this device are subject to change without notice. Please contact your
nearest Hitachi’s Sales Dept. regarding specifications.
HB2881000A5
FLASH ATA Card
1 GByte
ADE-203-1182 (Z)
Preliminary
Rev. 0.0
May. 23, 2000
Description
HB2881000A5 is Flash ATA card. This card complies with PC card ATA standard and is suitable for the
usage of data storage memory medium for PC or any other electric equipment. This card is equipped with
Hitachi 256 Mega bit Flash memory. This card is suitable for ISA (Industry Standard Architecture) bus
interface standard, and read/write unit is 1 sector (512 bytes) sequential access. By using this card it is
possible to operate good performance for the system which have PC card slots.
Features
• PC card ATA standard specification
 68 pin two pieces connector and Type II (5 mm)
• 3.3 V/5 V single power supply operation
• ISA standard and Read/Write unit is 512 bytes (sector) sequential access
 Sector Read/Write transfer rate: 8MB/sec burst
• Card density is 1 Giga bytes
 This card is equipped Hitachi 256 Mega bit Flash memory
• 3 variations of mode access
 Memory card mode
 I/O card mode
 True IDE mode
• Internal self-diagnostic program operates at V
CC power on
• High reliability based on internal ECC (Error Correcting Code) function
• Data write is 300,000 cycles
• Data reliability is 1 error in 1014 bits read.
• Auto Sleep Function


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HB2881000A6FLASH ATA Card 1 2 3 4 5 MoreHitachi Semiconductor
HB288800A5FLASH ATA Card 1 2 3 4 5 MoreHitachi Semiconductor
HB28C048A6FLASH ATA Card 1 2 3 4 5 MoreHitachi Semiconductor
GL641USBUSB ATA/ATAPI/ COMPACT FLASH CARD CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TC6374AFPC Card ATA to SD Memory Card MultiMediaCard and SmartMedia-TM Controller 1 2 3 4 5 MoreToshiba Semiconductor
ID245E014MB Flash Memory Card 1 2 3 4 5 MoreSharp Electrionic Components
AMMC0XXA2 4 or 8 Megabyte 5.0 Volt-only Flash Miniature Card 1 2 3 4 5 MoreAdvanced Micro Devices
USB22274TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS 1 2 3 4 5 MoreSMSC Corporation
EMTCG176-3G176KB Flash Smart Card IC + Cryptography Engine 1 2 3 EM Microelectronic - MARIN SA
ID245G018MB Flash Memory Card 1 2 3 4 5 MoreSharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn