Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HB2881000A5 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HB2881000A5
Description  FLASH ATA Card 1 GByte
Download  66 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HB2881000A5 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
HB2881000A5
6
Signal name
Direction Pin No.
Description
-CSEL
(PC Card Memory mode)
I
56
This signal is not used.
-CSEL
(PC Card I/O mode)
-CSEL
(True IDE mode)
This signal is used to configure this device as a
Master or a Slave when configured in the True IDE
mode. When this pin is grounded, this device is
configured as a Master. When the pin is open, this
device is configured as a Slave.
D15 to D0
(PC Card Memory mode)
I/O
41, 40, 39, 38,
37, 66, 65, 64, 6,
5, 4, 3, 2, 32, 31,
30
Data bus is D15 to D0. D0 is the LSB of the even byte
of the word. D8 is the LSB of the odd byte of the
word.
D15 to D0
(PC Card I/O mode)
D15 to D0
(True IDE mode)
GND
(PC Card Memory mode)
1, 34, 35, 68
Ground
GND
(PC Card I/O mode)
GND
(True IDE mode)
-INPACK
(PC Card Memory mode)
O
60
This signal is not used and should not be connected
at the host.
-INPACK
(PC Card I/O mode)
Input Acknowledge
This signal is asserted low by this card when the card
is selected and responding to an I/O read cycle at the
address that is on the address bus during -CE and
-IORD are low. This signal is used for the input data
buffer control.
-INPACK
(True IDE mode)
This signal is not used and should not be connected
at the host.
-IORD
(PC Card Memory mode)
I
44
This signal is not used.
-IORD
(PC Card I/O mode)
-IORD is used for control of read data in I/O task file
area. This card does not respond to -IORD until I/O
card interface setting up.
-IORD
(True IDE mode)
-IORD is used for control of read data in I/O task file
area. This card does not respond to -IORD until True
IDE interface setting up.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HB2881000A6FLASH ATA Card 1 2 3 4 5 MoreHitachi Semiconductor
HB288800A5FLASH ATA Card 1 2 3 4 5 MoreHitachi Semiconductor
HB28C048A6FLASH ATA Card 1 2 3 4 5 MoreHitachi Semiconductor
GL641USBUSB ATA/ATAPI/ COMPACT FLASH CARD CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TC6374AFPC Card ATA to SD Memory Card MultiMediaCard and SmartMedia-TM Controller 1 2 3 4 5 MoreToshiba Semiconductor
ID245E014MB Flash Memory Card 1 2 3 4 5 MoreSharp Electrionic Components
AMMC0XXA2 4 or 8 Megabyte 5.0 Volt-only Flash Miniature Card 1 2 3 4 5 MoreAdvanced Micro Devices
USB22274TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS 1 2 3 4 5 MoreSMSC Corporation
EMTCG176-3G176KB Flash Smart Card IC + Cryptography Engine 1 2 3 EM Microelectronic - MARIN SA
ID245G018MB Flash Memory Card 1 2 3 4 5 MoreSharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn